Electronic Components Datasheet Search
  English  ▼

X  

AP1115 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1115
Description  0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1115 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1115 Datasheet HTML 1Page - Diodes Incorporated AP1115 Datasheet HTML 2Page - Diodes Incorporated AP1115 Datasheet HTML 3Page - Diodes Incorporated AP1115 Datasheet HTML 4Page - Diodes Incorporated AP1115 Datasheet HTML 5Page - Diodes Incorporated AP1115 Datasheet HTML 6Page - Diodes Incorporated AP1115 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1115
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1115 Rev. 1
2 of 7
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Adj (GND)
AP1115B-3 PIN SOT89-3L
Vout
Vin
Adj (GND)
Vout
Vin
Tab is Pin 2
1
2
3
1
2
3
Tab is Pin 2
AP1115A-3 PIN SOT89-3L
Pin Descriptions
NAME
I/O
FUNCTION
Adj (GND)
I
A resistor divider from this pin to the Vout pin and ground sets the output voltage (Ground
only for Fixed-Mode).
Vout
O
The output of the regulator. A minimum of 10uF capacitor (0.15Ω ≤ ESR ≤ 20Ω) must be
connected from this pin to ground to insure stability.
Vin
I
The input pin of regulator. Typically a large storage capacitor (0.15Ω ≤ ESR ≤ 20Ω) is
connected from this pin to ground to insure that the input voltage does not sag below the
minimum dropout voltage during the load transient response. This pin must always be 1.3V
higher than Vout in order for the device to regulate properly.
Connection Diagram
(Top View)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com