Electronic Components Datasheet Search
  English  ▼

X  

AP1115 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1115
Description  0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1115 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1115 Datasheet HTML 1Page - Diodes Incorporated AP1115 Datasheet HTML 2Page - Diodes Incorporated AP1115 Datasheet HTML 3Page - Diodes Incorporated AP1115 Datasheet HTML 4Page - Diodes Incorporated AP1115 Datasheet HTML 5Page - Diodes Incorporated AP1115 Datasheet HTML 6Page - Diodes Incorporated AP1115 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP1115
0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1115 Rev. 1
3 of 7
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Typical Circuit
C2
100uF
5V
3.3V/0.5A
Vin
Vout
GND
C1
100uF
AP1115A (5V/3.3V Fixed Output)
)
1
2
REF
o
R
R
(1
V
V
Note:
Vin
Vout
GND
AP1115B (5V/3.3V Fixed Output)
5V
C1
100uF
C2
100uF
3.3V/0.5A
R1
121
R2
121
C2
100uF
5V
2.5V/0.5A
Vin
Vout
Adj
C1
100uF
VO
AP1115A (5V/2.5V Adj Output)
R2
121
R1
121
C2
100uF
5V
2.5V/0.5A
Vin
Vout
Adj
C1
100uF
VO
AP1115B (5V/2.5V Adj Output)
Ω
Ω
Ω
Ω
∗
=
+
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to 18 V
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com