Electronic Components Datasheet Search
  English  ▼

X  

ESD8-DFN Datasheet(PDF) 1 Page - Protek Devices

Part # ESD8-DFN
Description  LOW CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESD8-DFN Datasheet(HTML) 1 Page - Protek Devices

  ESD8-DFN Datasheet HTML 1Page - Protek Devices ESD8-DFN Datasheet HTML 2Page - Protek Devices ESD8-DFN Datasheet HTML 3Page - Protek Devices ESD8-DFN Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
05260.R1 2/07
www.protekdevices.com
ESD8-DFN
LOW CAPACITANCE TVS ARRAY
APPLICATIONS
✔ Cellular Phones
✔ Color LCD Display Panel
✔ Notebooks
✔ Personal Digital Assistant (PDA)
✔ Ground Positioning System (GPS)
✔ SMART Cards
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ ESD Protection > 25 kilovolts
✔ Protects up to Eight(8) Data Lines
✔ 30 Watts Peak Pulse Power per Line (tp = 8/20µs)
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ DFN-8 Package
✔ Available in Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ Device Marking: Marking Code
✔ 8mm Tape and Reel Per EIA Standard 481
PIN CONFIGURATION
DFN-8
GND
123
4
87
6
5
BOTTOM VIEW
I/O
1
I/O
2
I/O
3
I/O
4
I/O
5
I/O
6
I/O
7
I/O
8
GND


Similar Part No. - ESD8-DFN

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD8.0V12D-A SOCAY-ESD8.0V12D-A Datasheet
310Kb / 6P
Transient Voltage Suppressors for ESD Protection
ESD8.0V12D-A SOCAY-ESD8.0V12D-A Datasheet
310Kb / 6P
Transient Voltage Suppressors for ESD Protection
ESD8.0V12D-A SOCAY-ESD8.0V12D-A Datasheet
310Kb / 6P
Transient Voltage Suppressors for ESD Protection
ESD8.0V12D-A SOCAY-ESD8.0V12D-A Datasheet
310Kb / 6P
Transient Voltage Suppressors for ESD Protection
ESD8.0V12D-A SOCAY-ESD8.0V12D-A Datasheet
310Kb / 6P
Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESD8-DFN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
LOW CAPACITANCE TVS ARRAY
PAM06SC7905S PROTEC-PAM06SC7905S Datasheet
437Kb / 6P
LOW CAPACITANCE TVS ARRAY
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com