Electronic Components Datasheet Search
  English  ▼

X  

ESD8-DFN Datasheet(PDF) 4 Page - Protek Devices

Part # ESD8-DFN
Description  LOW CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESD8-DFN Datasheet(HTML) 4 Page - Protek Devices

  ESD8-DFN Datasheet HTML 1Page - Protek Devices ESD8-DFN Datasheet HTML 2Page - Protek Devices ESD8-DFN Datasheet HTML 3Page - Protek Devices ESD8-DFN Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
05260.R1 2/07
www.protekdevices.com
ESD8-DFN
DFN-8 PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2007
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and
specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or
specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Pin 1
Indicated
by Dot
Tape & Reel Specifications (Dimensions in millimeters)
D
E
P0
tmax
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
4.00 ±0.10
0.25
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)/330mm(13”)
8mm
1.90± 0.10
2.30± 0.10 1.05 ± 0.10
P1
P2
TOP VIEW
END VIEW
L3
P3
G1
L1
L2
SIDE VIEW
p
BOTTOM VIEW
G2
PACKAGE OUTLINE
P1
P2
P3
L1
L2
L3
p
G1
G2
1.95
1.95
0.75
0.23
0.33
0.18
0.50
1.15
0.55
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in millimeters
2. Dimension b applies to terminal and is measured
between 0.25 and 0.30mm from terminal.
3. Coplanarity applies to the exposed pad as well as the
terminals.
4. Dimension p is BSC.
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in
accordance with EIA 481.
2. Suffix-T71 = 7 Inch Reel - 1,000 pieces per 8mm
tape, i.e.,
ESD8-DFN-T71.
3. Suffix-T73 = 7 Inch Reel - 3,000 pieces per 8mm
tape, i.e.,
ESD8-DFN-T73.
4. Suffix - LF = Lead-Free, Pure Tin Plating,
i.e., ESD8-DFN-LF-T73.
MIN
MAX
MIN
MAX
0.077
0.077
0.029
0.009
0.013
0.007
0.020
0.045
0.022
0.081
0.081
0.033
0.012
0.016
0.009
0.020
0.049
0.026
2.05
2.05
0.85
.030
0.40
0.23
0.50
1.25
0.65
Outline & Dimensions: Rev 2 - 6/06, 06057



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com