Electronic Components Datasheet Search
  English  ▼

X  

ESD8-DFN Datasheet(PDF) 3 Page - Protek Devices

Part # ESD8-DFN
Description  LOW CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESD8-DFN Datasheet(HTML) 3 Page - Protek Devices

  ESD8-DFN Datasheet HTML 1Page - Protek Devices ESD8-DFN Datasheet HTML 2Page - Protek Devices ESD8-DFN Datasheet HTML 3Page - Protek Devices ESD8-DFN Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
05260.R1 2/07
www.protekdevices.com
ESD8-DFN
GRAPHS
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE
ESD Test Pulse: +15 kilovolt, 1/30ns (waveform)
-5
5
15
25
35
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
01
234
56
V
R - Reverse Voltage - Volts
FIGURE 3
CAPACITANCE VS REVERSE VOLTAGE
(Normalized to Capacitance at 2.5V DC & 25°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com