Electronic Components Datasheet Search
  English  ▼

X  

AP34063 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP34063
Description  UNIVERSAL DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP34063 Datasheet HTML 2Page - Diodes Incorporated AP34063 Datasheet HTML 3Page - Diodes Incorporated AP34063 Datasheet HTML 4Page - Diodes Incorporated AP34063 Datasheet HTML 5Page - Diodes Incorporated AP34063 Datasheet HTML 6Page - Diodes Incorporated AP34063 Datasheet HTML 7Page - Diodes Incorporated AP34063 Datasheet HTML 8Page - Diodes Incorporated AP34063 Datasheet HTML 9Page - Diodes Incorporated AP34063 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
6 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Application Circuit
( Continued )
(2) Step-Down Converter
1.25V
Ref
Reg
Ipk
CT
R
SQ
Q2
Q1
Comp.
+
_
8
7
6
5
1
2
3
4
VC
C
Osc
+
470
uF
Vin
25V
Rsc
0.11
R1
25k
36k
R2
+
CO
5.0V/500mA
Vout
+
100
Vout
Optional Filter
CT
470
pF
L
100uH
1N5819
470uF
1.0uH
Test
Conditions
Results
Line Regulation
Vin = 12V to 24V, IO = 500mA
20mV =
±0.2%
Load Regulation
Vin = 24V, IO = 50mA to 500mA
5mV =
±0.05%
Output Ripple
Vin = 24V, IO = 500mA
160mVPP
Efficiency
Vin = 24V, IO = 500mA
82%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com