Electronic Components Datasheet Search
  English  ▼

X  

AP34063 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP34063
Description  UNIVERSAL DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP34063 Datasheet HTML 3Page - Diodes Incorporated AP34063 Datasheet HTML 4Page - Diodes Incorporated AP34063 Datasheet HTML 5Page - Diodes Incorporated AP34063 Datasheet HTML 6Page - Diodes Incorporated AP34063 Datasheet HTML 7Page - Diodes Incorporated AP34063 Datasheet HTML 8Page - Diodes Incorporated AP34063 Datasheet HTML 9Page - Diodes Incorporated AP34063 Datasheet HTML 10Page - Diodes Incorporated AP34063 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
7 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Application Circuit
( Continued )
(3) Voltage Inverting Converter
1.25V
Ref
Reg
Ipk
CT
R
SQ
Q2
Q1
Comp.
+
_
8
7
6
5
1
2
3
4
VC
C
Osc
+
470uF
Vin
4.5V to 6.0V
Rsc
0.26
R2
50k
3k
R1
CO
-12V/100mA
Vout
100
Vout
Optional Filter
680
pF
L
1N5819
470uF
1.0uH
+
100
uH
+
+
Test
Conditions
Results
Line Regulation
Vin = 4.5V to 6.0V, IO = 100mA
20mV =
±0.08%
Load Regulation
Vin = 5.0V, IO = 20mA to 100mA
30mV =
±0.12%
Output Ripple
Vin = 5.0V, IO = 100mA
500mVPP
Efficiency
Vin = 5.0V, IO = 100mA
60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com