Electronic Components Datasheet Search
  English  ▼

X  

AP34063 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP34063
Description  UNIVERSAL DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP34063 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP34063 Datasheet HTML 1Page - Diodes Incorporated AP34063 Datasheet HTML 2Page - Diodes Incorporated AP34063 Datasheet HTML 3Page - Diodes Incorporated AP34063 Datasheet HTML 4Page - Diodes Incorporated AP34063 Datasheet HTML 5Page - Diodes Incorporated AP34063 Datasheet HTML 6Page - Diodes Incorporated AP34063 Datasheet HTML 7Page - Diodes Incorporated AP34063 Datasheet HTML 8Page - Diodes Incorporated AP34063 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP34063
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 2
1 of 11
MARCH 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
Operation from 3.0V to 40V Input
•
Low Standby Current
•
Current Limiting
•
Output Switch Current to 1.6A
•
Output Voltage Adjustable
•
Frequency Operation to 100 kHz
•
Precision 2% Reference
•
8-pin SOP, PDIP package
•
Lead Free Finish/RoHS Compliant for Lead Free and
“Green” products (Note 1)
•
SOP-8L: Available in “Green” Molding Compound (No
Br, Sb)
The AP34063 Series is a monolithic control circuit containing the
primary functions required for DC-to-DC converters. These
devices consist of an internal temperature compensated
reference, comparator, controlled duty cycle oscillator with an
active current limit circuit, driver and high current output switch.
This series is specifically designed for incorporating in
Step-Down and Step-Up and Voltage-Inverting applications with
a minimum number of external components.
-U : Tube
AP34063 X X X
Package
Packing
Lead Free
L : Lead Free (Note 2)
-13 : Taping
S8 : SOP-8L
N8 : PDIP-8L
G : Green
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
2. PDIP-8L is available in “Lead Free” only.
Note:
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
Description
Ordering Information
Tube/Bulk
13” Tape and Reel
Device
Package
Code
Packaging
(Note 3)
Quantity Part Number
Suffix
Quantity
Part Number
Suffix
AP34063S8
S8
SOP-8L
100
- U
2500/Tape & Reel
-13
AP34063N8
N8
PDIP-8L
60
- U
NA
NA


Similar Part No. - AP34063

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063 Datasheet
220Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
Anachip Corp
AP34063A ANACHIP-AP34063A Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
AP34063CN8 ANACHIP-AP34063CN8 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
More results

Similar Description - AP34063

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP34063 ANACHIP-AP34063 Datasheet
202Kb / 10P
Universal DC/DC Converter
Rev.A5 Feb.10, 2004
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
AP34063 ETC1-AP34063 Datasheet
172Kb / 10P
Universal DC/DC Converter
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A_02 Datasheet
188Kb / 10P
Industrial Standard, Universal DC/DC Converter
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP34063 FOSLINK-FSP34063 Datasheet
222Kb / 10P
UNIVERSAL DC/DC CONVERTER
logo
SeCoS Halbleitertechnol...
SGSC34063 SECOS-SGSC34063 Datasheet
1Mb / 6P
Universal DC To DC Converter
logo
Diodes Incorporated
AP34063 DIODES-AP34063_09 Datasheet
220Kb / 11P
UNIVERSAL DC/DC CONVERTER
AP34063 Rev. 5
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com