Electronic Components Datasheet Search
  English  ▼

X  

TLV1811 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV1811
Description  TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1811 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV1811 Datasheet HTML 3Page - Texas Instruments TLV1811 Datasheet HTML 4Page - Texas Instruments TLV1811 Datasheet HTML 5Page - Texas Instruments TLV1811 Datasheet HTML 6Page - Texas Instruments TLV1811 Datasheet HTML 7Page - Texas Instruments TLV1811 Datasheet HTML 8Page - Texas Instruments TLV1811 Datasheet HTML 9Page - Texas Instruments TLV1811 Datasheet HTML 10Page - Texas Instruments TLV1811 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
6.4 Thermal Information - Single
THERMAL METRIC(1)
TLV18x1 and TLV18x1L
UNIT
DCK
(SC-70)
DCK
(SC-70)
DBV
(SOT-23)
5 PINS
6 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
226.6
185.6
203.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
129.5
137.6
105.4
°C/W
RθJB
Junction-to-board thermal resistance
78.6
76.5
106.6
°C/W
ψJT
Junction-to-top characterization parameter
51.5
59.8
54.0
°C/W
ψJB
Junction-to-board characterization parameter
78.3
76.2
106
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
–
–
–
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics report.
6.5 Thermal Information - Dual
THERMAL METRIC(1)
TLV18x2
UNIT
D
(SOIC)
PW
(TSSOP)
DDF
(SOT-23)
DSG
(WSON)
DGK
(VSSOP)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
136.1
187.5
170.4
79.9
178.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
76.8
76.7
90.3
100.1
66.4
°C/W
RθJB
Junction-to-board thermal resistance
79.7
118.1
88.1
46.4
100.0
°C/W
ψJT
Junction-to-top characterization parameter
26.8
14.4
7.5
5.3
9.2
°C/W
ψJB
Junction-to-board characterization parameter
78.9
116.4
87.6
46.4
98.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
–
–
–
21.6
–
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics report.
6.6 Thermal Information - Quad
THERMAL METRIC(1)
TLV18x4
UNIT
D
(SOIC)
PW
(TSSOP)
DYY
(SOT-23)
RTE
(WQFN)
14 PINS
14 PINS
14 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
104.2
124.1
119.9
53.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.3
52.4
60.6
58.6
°C/W
RθJB
Junction-to-board thermal resistance
60.2
67.2
79.0
29.0
°C/W
ψJT
Junction-to-top characterization parameter
20.7
7.5
3.3
2.2
°C/W
ψJB
Junction-to-board characterization parameter
59.8
66.6
41.2
28.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
–
–
–
13.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics report.
www.ti.com
TLV1811, TLV1821, TLV1812, TLV1822, TLV1814, TLV1824
SNOSDC8C – SEPTEMBER 2022 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV1811 TLV1821 TLV1812 TLV1822 TLV1814 TLV1824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com