Electronic Components Datasheet Search
  English  ▼

X  

MEA Datasheet(PDF) 2 Page - RFE international

Part # MEA
Description  ALUMINUM ELECTROLYTIC CAPACITORS MEA Series: Large Can Size, Screw Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MEA Datasheet(HTML) 2 Page - RFE international

  MEA Datasheet HTML 1Page - RFE international MEA Datasheet HTML 2Page - RFE international MEA Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIMENSION & PERMISSIBLE RIPPLE CURRENT
Dimension: D x L (mm)
Tand: 120Hz, 20°C
Ripple Current: A/rms at 120Hz, 85°C
C100
C121
C144
C144
D144
A053
A065
A065
A121
A121
A083
A083
B083
A053
B083
B100
B100
A053
A065
A065
A121
A121
A083
A083
B100
B121
B121
B121
D144
C100
E121
C144
C144
D144
A053
A065
A065
A121
A121
A083
A083
B083
B083
B121
B121
C100
C100
D121
D121
D121
D124
A053
A053
A065
A065
A121
A121
A083
A083
B083
B083
B121
B121
C121
C121
D121
D121
D121
10,000
12,000
15,000
18,000
22,000
27,000
33,000
39,000
47,000
56,000
68,000
82,000
100,000
120,000
150,000
180,000
220,000
270,000
330,000
390,000
470,000
560,000
680,000
35x53
0.60
V.DC
Item
mF
D x L
Size
Code
D x L
D x L
Tand
Ripple
Current
Size
Code
D x L
Tand
Ripple
Current
Size
Code
Tand
Ripple
Current
Tand
Ripple
Current
Size
Code
10V (1A)
16V (1C)
25V (1E)
35V 91V)
35x53
0.60
35x65
0.60
0.60
0.60
0.60
35x65
35x83
35x83
4.4
4.7
5.6
5.9
7.5
7.7
35x121
35x121
0.70
0.70
0.90
0.90
9.2
9.4
51x83
51x83
51x121
51x121
1.00
1.40
10.2
10.7
13.9
15.2
64x121
64x121
1.20
17.2
18.1
1.50
77x121
77x121
77x121
2.00
2.50
3.00
19.2
19.8
21.0
35x53
35x65
35x65
35x83
35x83
35x121
35x121
51x83
51x83
51x121
51x121
4.2
5.5
5.8
7.2
7.5
10.2
10.4
10.9
11.3
12.6
13.0
14.7
15.3
18.2
18.6
19.3
20.7
64x100
64x100
77x121
77x121
77x121
77x124
0.45
0.50
0.55
0.50
0.60
0.60
0.70
0.70
0.80
0.90
0.90
1.30
1.20
1.60
1.80
1.00
2.00
51x100
51x121
51x121
51x121
64x100
64x121
64x144
64x144
77x144
77x144
35x53
35x65
35x65
35x83
35x83
35x121
35x121
64x100
64x121
64x144
64x144
77x144
51x100
51x100
51x83
51x83
35x65
35x53
35x53
35x65
35x83
35x83
35x121
35x121
0.35
0.35
0.40
0.40
0.40
0.40
0.45
0.50
0.50
0.60
0.60
0.70
0.75
0.80
0.90
1.00
1.20
4.0
1.00
4.5
5.5
5.0
6.2
7.4
8.3
9.7
9.3
10.5
11.5
12.9
14.7
18.0
18.3
19.5
20.8
0.30
0.30
0.30
0.35
0.35
0.40
0.40
0.40
0.45
0.50
0.50
0.55
0.60
0.60
0.70
0.70
0.75
3.5
3.7
3.9
4.2
4.9
5.2
7.1
7.3
8.3
8.7
10.2
10.5
10.9
12.8
15.3
15.8
17.3
ALUMINUM ELECTROLYTIC CAPACITORS
MEA Series: Large Can Size, Screw Terminal
A053
B100
A053
A065
A083
A083
B083
B083
A100
A100
B121
C100
C100
C121
C144
D144
D144
D144
B100
C100
C100
C144
C144
D144
D144
A053
A065
A065
A083
A083
A053
B083
B083
A100
A100
C121
B083
B083
B100
B100
C100
C100
C144
C144
C144
C144
A100
A100
A083
A083
A065
A053
A053
V.DC
Item
mF
D x L
Size
Code
D x L
D x L
Tand
Ripple
Current
Size
Code
D x L
Tand
Ripple
Current
Size
Code
Tand
Ripple
Current
Tand
Ripple
Current
Size
Code
50V (1H)
63V (1J)
80V (1K)
100V (2A)
2,200
2,700
3,300
3,900
4,700
5,600
6,800
8,200
10,000
12,000
15,000
18,000
22,000
27,000
33,000
39,000
47,000
56,000
68,000
82,000
100,000
120,000
150,000
180,000
35x53
35x53
35x65
35x65
35x83
35x83
35x121
35x121
51x83
51x83
51x100
51x100
64x100
64x100
64x144
64x144
77x144
77x144
0.25
0.25
0.25
0.25
0.25
0.25
0.30
0.35
0.40
0.40
0.40
0.40
0.45
0.50
0.50
0.50
0.60
0.70
3.2
3.4
4.3
4.5
4.7
4.9
6.3
6.6
7.5
7.7
9.6
9.8
11.9
12.2
14.2
14.5
16.5
16.8
35x53
35x53
35x65
35x83
35x83
35x100
35x100
51x83
51x83
51x100
51x100
64x100
64x100
64x144
64x144
77x144
77x144
0.20
0.20
0.25
0.25
0.25
0.25
0.25
0.30
0.35
0.30
0.35
0.40
0.40
0.40
0.45
0.45
0.50
3.0
3.7
4.4
4.5
4.7
5.6
6.2
7.7
8.2
8.7
9.6
11.5
11.8
13.7
14.2
15.2
15.8
35x65
35x53
35x53
35x65
35x83
35x83
35x100
35x100
51x83
51x83
51x100
64x121
0.15
0.15
0.15
0.20
0.20
0.20
0.20
0.20
0.25
0.25
0.30
0.30
0.35
0.35
0.35
0.35
0.35
0.35
2.5
2.7
2.9
3.7
4.3
4.5
5.4
5.6
7.3
7.7
8.5
8.6
10.5
11.8
14.0
14.2
16.7
17.1
35x83
35x83
35x100
35x100
51x83
51x83
51x100
35x53
35x53
35x65
64x144
64x144
77x144
77x144
64x100
64x100
51x121
64x100
64x100
64x121
64x144
77x144
77x144
77x144
0.15
0.15
0.15
0.20
0.20
0.20
0.20
0.20
0.15
0.15
0.15
0.20
0.25
0.25
0.25
0.25
0.25
0.30
2.5
2.9
3.5
2.5
3.7
4.6
4.9
5.8
6.2
7.5
8.5
8.8
9.6
10.3
12.1
12.4
13.9
15.3
A053
A053
A065
A065
A083
A083
A121
A121
B083
B083
B083
B083
C100
C100
C144
C144
D144
D144
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C1CH09
2010.10.13
RoHS
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com