Electronic Components Datasheet Search
  English  ▼

X  

MEA Datasheet(PDF) 3 Page - RFE international

Part # MEA
Description  ALUMINUM ELECTROLYTIC CAPACITORS MEA Series: Large Can Size, Screw Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MEA Datasheet(HTML) 3 Page - RFE international

  MEA Datasheet HTML 1Page - RFE international MEA Datasheet HTML 2Page - RFE international MEA Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DIMENSION & PERMISSIBLE RIPPLE CURRENT
A053
A065
A083
A083
A100
A100
B075
B075
B096
B096
B130
C096
C115
C130
D130
D115
E157
E157
E157
A053
A065
A083
A083
A100
A100
B075
B075
B096
B115
B130
C096
C115
C130
D115
D130
D155
E157
E157
V.DC
Item
mF
D x L
Size
Code
D x L
Size
Code
Tand
Ripple
Current
Tand
Ripple
Current
400V (2G)
450V (2W)
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
35x53
35x65
35x83
35x100
35x100
51x75
51x96
51x96
51x130
64x96
64x115
64x130
77x115
77x130
90x157
90x157
90x157
51x75
35x83
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
1.5
2.0
2.1
2.3
2.8
3.1
3.5
3.8
4.7
5.1
6.4
6.9
8.2
9.4
10.4
11.9
14.0
16.4
18.2
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
35x53
35x65
35x83
35x100
35x100
51x75
51x96
51x75
35x83
51x115
51x130
64x96
64x115
64x130
77x130
77x155
90x157
90x157
77x115
1.3
1.8
2.0
2.1
2.5
2.8
3.2
3.5
4.2
5.0
5.8
6.3
7.5
8.6
9.5
10.8
12.8
15.0
16.4
ALUMINUM ELECTROLYTIC CAPACITORS
MEA Series: Large Can Size, Screw Terminal
A121
B075
B075
B096
B096
B115
C096
C096
C130
C130
D130
D130
E130
E157
A100
A121
B075
B075
B096
B115
B130
C096
C096
D096
D096
D130
D155
E130
E157
35x121
V.DC
Item
mF
D x L
Size
Code
D x L
D x L
Tand
Ripple
Current
Size
Code
D x L
Tand
Ripple
Current
Size
Code
Tand
Ripple
Current
Tand
Ripple
Current
Size
Code
390
470
560
680
560
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
39000
33000
51x75
51x75
51x96
51x96
51x115
64x96
64x96
64x130
64x130
90x130
90x157
77x130
77x130
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
5.2
5.3
5.8
7.0
7.7
9.1
10.3
11.3
14.3
15.6
18.2
20.2
23.7
27.8
35x100
35x121
51x75
51x75
51x96
51x115
51x130
64x96
77x96
64x96
77x96
77x130
77x155
90x130
90x157
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
3.9
4.7
4.9
5.3
6.4
7.5
8.7
9.4
10.3
12.0
14.4
16.5
19.6
25.5
21.5
160V (2C)
200V (2D)
250V (2E)
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
35x100
35x100
51x75
51x75
51x96
51x115
64x96
64x96
64x115
64x115
64x130
77x115
77x130
77x115
90x157
3.2
3.5
4.0
4.4
5.4
6.3
7.1
7.7
9.1
10.0
11.6
12.8
15.1
17.7
20.9
350V (2V)
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
35x53
35x65
35x83
35x83
35x100
35x100
51x75
51x75
51x96
51x96
51x130
64x115
64x115
64x130
77x115
77x130
77x155
90x157
90x157
1.6
2.1
2.3
2.6
3.0
3.4
3.8
4.2
5.1
5.7
7.1
7.9
8.9
10.3
11.3
13.1
15.4
18.1
20.0
A100
A100
B075
B075
B096
B115
C096
C096
C115
C115
C130
D115
D130
D115
E157
A053
A065
A083
A083
A100
A100
B075
B075
B096
B096
B130
C115
C115
C130
D115
D130
D155
E157
E157
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C1CH09
2010.10.13
RoHS
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com