Electronic Components Datasheet Search
  English  ▼

X  

MEA Datasheet(PDF) 1 Page - RFE international

Part # MEA
Description  ALUMINUM ELECTROLYTIC CAPACITORS MEA Series: Large Can Size, Screw Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MEA Datasheet(HTML) 1 Page - RFE international

  MEA Datasheet HTML 1Page - RFE international MEA Datasheet HTML 2Page - RFE international MEA Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
35Ø
51-90Ø
FEATURES
SPECIFICATIONS
• Endurance with ripple current: 85°C, 2000 hours
Operating Temp.
Capacitance Toloerance
Leakage Current
(at 20°C)
± 20% (120Hz, 20°C)
Dissipation Factor
Tan d at 120Hz, 20°C
Low Temperature
Characteristics (at 120Hz)
Test Time
Capacitance Change
Dissipation Factor
Leakage Current
Temperature (°C)
Mutipliers
Ripple Current &
Frequency Multipliers
Ripple Current &
Temperature Multipliers
Standards
Item
Performance
-40°C ~+85°C
10 ~ 100V
-25°C ~+85°C
160 ~ 450V
I = 0.01CV or 5 (mA) whichever is smaller (after 5 minutes)
Where, C= rated capacitance in mF. V= rated DC working voltage in V.
10 ~ 100
See the case size list
160 ~ 450
0.15
Capacitance change: C(-25°C)/ C(+20°C)³0.7
Test Time
Capacitance Change
Dissipation Factor
Leakage Current
Satisfies Characteristic W of JIS C 5101-4
40
2.7
60
2.0
70
1.7
85
1.0
2000 hours
Within ±15% of initial value
Less than 175% of specified value
Within specified value
Within ±20% of initial value
Less than 200% of specified value
Within specified value
500 hours
Frequency (Hz)
Multiplier
50 / 60
0.7
120
1.0
300
1.1
1.3
1K
10K up
1.4
Rated Voltage
Tand (max)
DIMENSIONS
PART NUMBER EXAMPLE
MEA 332 M 2C A121
-
Case size: 35j x 121L
Rated voltage (160V)
Capacitance tolerance (±20%)
Capacitance (3300 mF)
Series name
C1CH09
2010.10.13
Screw Specifications:
Plus hexagon-headed screw: M5 x 0.8 x 10
Max. screw tightening torque: 3.23Nm
35
P
12.7
2
L1
10.0
W1
48
W2
58
H
15.0
10.0
h
jD
a
51
64
77
90
22.0
28.6
32.0
32.0
2
2
2
2
10
10
10
10
101
85.5
72.5
61.0
106
91.0
78.0
65.5
34.5
35.0
25.0
21.5
20.0
20.0
20.0
15.0
8.0
8.0
7.0
7.0
16.0
16.0
14.0
12.0
5.0
4.5
4.5
4.5
60
60
60
60
b
a
c
h
W1
W2
L1
P
H
jD
a
q
ALUMINUM ELECTROLYTIC CAPACITORS
MEA Series: Large Can Size, Screw Terminal
Load Life Test at 20°C after
subjected to DC voltage with rated
rippled current applied for 2000 hours
at 85°C
Shelf Life Test at 20°C after
exposing them for 500 hours at 85°C
without voltage applied. The rated
voltage shall be applied to the
capacitors before the measurements.
(Refer to JIS 5102)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
Page 1 of 3


Similar Part No. - MEA

ManufacturerPart #DatasheetDescription
logo
Surge Components
MEA SURGE-MEA Datasheet
6Mb / 11P
rohs compliance
logo
Maxtena Inc.
MEA-1176-AM MAXTENA-MEA-1176-AM Datasheet
1Mb / 3P
GNSS/L1L2L5L6 Adhesive Mount antenna
REV A
MEA-1227-MM MAXTENA-MEA-1227-MM Datasheet
1Mb / 3P
GNSS/L1L2 Magnetic Mount
REV A
MEA-1227-SM MAXTENA-MEA-1227-SM Datasheet
1Mb / 3P
GNSS/L1L2 Screw Mount
REV A
MEA-1400-MM MAXTENA-MEA-1400-MM Datasheet
1Mb / 3P
GNSS/L1/L5 Magnetic Mount
REV A
More results

Similar Description - MEA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
Large Can Aluminum Electrolytic Capacitors
logo
RFE international
MEA332M2C-A121 RFE-MEA332M2C-A121 Datasheet
318Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS MEA Series: Large Can Size, Screw Terminal
MEK122M2V-B075 RFE-MEK122M2V-B075 Datasheet
165Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS MEK Series: Large Can Size, Screw Terminal
MGA332M2C-B075 RFE-MGA332M2C-B075 Datasheet
312Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS MGA Series: Large Can Screw Terminal, 105 째C
MGK122M2V-B075 RFE-MGK122M2V-B075 Datasheet
162Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS MGK Series: Large Can Size, Screw Terminal, 105 째C
logo
Panasonic Semiconductor
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
Aluminum Electrolytic Capacitors/ EB(Large Can Size)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com