Electronic Components Datasheet Search
  English  ▼

X  

VEJ Datasheet(PDF) 2 Page - RFE international

Part # VEJ
Description  ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series : SMD 105°C 2,000hrs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

VEJ Datasheet(HTML) 2 Page - RFE international

  VEJ Datasheet HTML 1Page - RFE international VEJ Datasheet HTML 2Page - RFE international VEJ Datasheet HTML 3Page - RFE international VEJ Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LEAD SPACING AND DIAMETER
D
A
B
C
W
P+0.2 Fig. No.
4
5.7 + 0.3
4.3
4.3
5.1
0.5 ~ 0.8
1.0
1
5
5.7 + 0.3
5.3
5.3
5.9
0.5 ~ 0.8
1.5
1
6.3
5.7 + 0.3
6.6
6.6
7.2
0.5 ~ 0.8
2.0
1
6.3
7.7 + 0.3
6.6
6.6
7.2
0.5 ~ 0.8
2.0
1
8
10.0 + 0.5
8.4
8.4
9.0
0.7 ~ 1.1
3.1
1
10
7.7 + 0.3 10.4
10.4
11.0
0.7 ~ 1.3
4.7
1
10
10.0 + 0.5 10.4
10.4
11.0
0.7 ~ 1.3
4.7
1
10
10.3 + 0.5 10.4
10.4
11.0
0.7 ~ 1.3
4.7
1
13
13.5 + 0.5 13.0
13.0
13.7
1.1 ~ 1.4
4.4
2
13
16.0 + 0.5 13.0
13.0
13.7
1.1 ~ 1.4
4.4
2
16
16.5 + 0.5 17.0
17.0
18.0
1.1 ~ 1.4
6.4
2
16
21.5 + 0.5 17.0
17.0
18.0
1.1 ~ 1.4
6.4
2
18
16.5 + 0.5 19.0
19.0
20.0
1.1 ~ 1.4
6.4
2
18
21.5 + 0.5 19.0
19.0
20.0
1.1 ~ 1.4
6.4
2
L
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Page 2 of 4
DIMENSION & PERMISSIBLE RIPPLE CURRENT
V.DC
Code
mA
mA
mA
mA
mA
3.3
3R3
12.5 x 13.5
60
12.5 x 13.5
40
4.7
4R7
12.5 x 13.5
65
12.5 x 13.5
45
12.5 x 13.5
45
10
100
12.5 x 13.5
80
12.5 x 13.5
70
12.5 x 13.5
50
12.5 x 16
75
22
220
12.5 x 16
10
12.5 x 13.5
105
16 x 16.5
85
16 x 16.5
85
33
330
12.5 x 13.5
95
12.5 x 16
120
16 x 16.5
180
18 x 16.5
100
18 x 16.5
100
47
470
16 x 16.5
240
16 x 16.5
220
16 x 16.5
220
18 x 21.5
130
100
101
16 x 16.5
250
18 x 16.5
280
18 x 16.5
260
450V (2W)
D x L
250V (2E)
D x L
400V (2G)
D x L
µF
160V (2C)
D x L
200V (2D)
D x L
Φ
Φ
Φ
V.DC
Code
mA
mA
mA
mA
mA
mA
mA
mA
1
010
4 x 5.7
8
4 x 5.7
8
2.2
2R2
4 x 5.7
12
4 x 5.7
12
3.3
3R3
4 x 5.7
14
5 x 5.7
17
4.7
4R7
4 x 5.7
17
4 x 5.7
17
5 x 5.7
20
6.3 x 5.7
22
10
100
4 x 5.7
20
4 x 5.7
20
5 x 5.7
27
6.3 x 5.7
32
6.3 x 5.7
32
22
220
4 x 5.7
22
4 x 5.7
22
5 x 5.7
30
5 x 5.7
30
6.3 x 5.7
44
6.3 x 5.7
38
6.3 x 7.7
58
8 x 10
100
33
330
5 x 5.7
34
5 x 5.7
34
5 x 5.7
34
6.3 x 5.7
46
6.3 x 5.7
46
6.3 x 7.7
65
8 x 10
140
10 x 10
150
47
470
5 x 5.7
38
5 x 5.7
38
6.3 x 5.7
48
6.3 x 5.7
48
6.3 x 7.7
80
6.3 x 7.7
70
8 x 10
170
12.5 x 13.5
250
100
101
6.3 x 5.7
69
6.3 x 5.7
69
6.3 x 5.7
69
6.3 x 7.7
100
8 x 10
240
8 x 10
210
10 x 10.3
310
12.5 x 13.5
380
8 x 10
270
10 x 7.7
270
8 x 10
290
18 x 16.5
590
10 x 7.7
290
16 x 21.5
750
8 x
10
320
10 x 7.7
320
1,000
102
10 x 10
410
10 x 10.3
410
12.5 x 13.5
550
12.5 x 16
550
16 x 16.5
800
18 x 16.5
990
2,200
222
12.5 x 13.5
680
12.5 x 13.5
680
16 x 16.5
900
16 x 16.5
900
18 x 16.5
1,050
18 x 16.5
1,150
16 x 21.5
1,200
18 x 16.5
1,225
16 x 21.5
1,275
18 x 16.5
1,290
18 x 16.5 1,290
16 x 21.5
1,350
16 x 21.5 1,350
8,200
822
18 x 21.5
1,450
18 x 21.5 1,450
21.5
1,300
16.5
950
18 x
950
1,000
16 x
x 16.5
16 x 16.5
16
1,000
3,300
332
12.5 x 16
850
16 x 16.5
4,700
472
6,800
682
µF
6.3V (0J)
D x L
D x L
10V (1A)
D x L
35V (1V)
D x L
D x L
50V (1H)
16V (1C)
25V (1E)
D x L
x
63V (1J)
D x L
100V (2A)
D x L
220
221
470
471
330
331
8 x 10
8 x 10
8
10
x
290
10
320
380
10 x 10
10
380
12.5 x 13.5
x 16.5
520
550
12.5 x 16
16
700
18 x 21.5
980
290
8 x 10
290
10 x 10
370
12.5 x 13.5
490
16 x 16.5
650
6.3 x 7.7
120
6.3 x 7.7
120
6.3 x 7.7
120
8 x 10
270
10 x 10.3
330
12.5 x 13.5
470
16 x 16.5
450
Φ
Φ
Φ
Φ
Φ
Φ
Φ
Φ
Unit: mm
RoHS
C1CB08
2021.10.27
ALUMINUM ELECTROLYTIC CAPACITORS
VEJ Series : SMD 105°C 2,000hrs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com