Electronic Components Datasheet Search
  English  ▼

X  

VEJ Datasheet(PDF) 3 Page - RFE international

Part # VEJ
Description  ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series : SMD 105°C 2,000hrs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

VEJ Datasheet(HTML) 3 Page - RFE international

  VEJ Datasheet HTML 1Page - RFE international VEJ Datasheet HTML 2Page - RFE international VEJ Datasheet HTML 3Page - RFE international VEJ Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TAPING SPECIFICATIONS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
ΦD x L
A
B
d
F
P
P1
P2
t1
t2
W
W1
Fig. No.
3 ~ 4 x 4.5 ~ 5.3 5.0
5.0
5.5
8.0
5.8
4 x 5.7
5.0
5.0
5.5
8.0
6.2
5 x 4.5 ~ 5.3
6.0
6.0
5.5
12.0
5.8
5 x 5.7 (*)
6.0
6.0
5.5
12.0
6.2
6.3 x 4.5 ~ 5.3
5.8
6.3 x 5.7
6.2
6.3 x 5.9*
6.2
6.3 x 7.0*
6.8
6.3 x 7.7
8.3
8 x 6.5
6.8
8 x 6.7*
6.8
8 x 10
11.0
8 x 12*
13.0
10 x 7.7*
10.0
10 x 10 (9.9*)
11.0
10 x 12.7*
14.0
12.5 x 13.5
13.4 13.4
14.2 24.0
15.0 32.0
12.5 x 13.5 (G)
13.7 13.7
14.2 24.0
15.0 32.0
12.5 X 16
13.4 13.4
14.2 24.0
17.5 32.0
12.5 X 16 (G)
13.7 13.7
14.2 24.0
17.5 44.0
16 X 16.5
17.5 17.5
20.2 28.0
17.5 44.0
16 X 16.5 (G)
17.5 17.5
20.2 28.0
17.5 44.0
16 X 21.5
17.5 17.5
20.2 28.0
22.5 44.0
18 X 16.5
19.5 19.5
20.2 32.0
17.5 44.0
18 X 21.5
19.5 19.5
20.2 32.0
22.5 44.0
Tolerance
+ 0.2 + 0.2 +0.1 / -0 + 0.1 + 0.2 + 0.1 + 0.1 + 0.1 + 0.2 + 0.3 + 0.15
12.0
16.0
24.0
1.75
1-1
1-2
1-3
0.4
2.0
4.0
7.5
11.5
12.0
16.0
7.0
8.7
10.7
1.5
7.0
8.7
10.7
0.5
Page 3 of 4
REEL SPECIFICATIONS
Case Size 3 ~ 4Φ
5Φ
6.3Φ 8Φ x 6.5 ~ 7.0L 8Φ x 10 ~ 12L
10Φ
12.5Φ
16 ~ 18Φ
W
14
14
18
18
26
26
34
46
A
380
380
380
380
380
380
380 / 450 380 / 450
t
2.0
2.0
2.0
2.0
2.0
2.0
3.0
3.0
Unit: mm
RoHS
C1CB08
2021.10.27
ALUMINUM ELECTROLYTIC CAPACITORS
VEJ Series : SMD 105°C 2,000hrs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com