Electronic Components Datasheet Search
  English  ▼

X  

VEJ Datasheet(PDF) 4 Page - RFE international

Part # VEJ
Description  ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series : SMD 105°C 2,000hrs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

VEJ Datasheet(HTML) 4 Page - RFE international

  VEJ Datasheet HTML 1Page - RFE international VEJ Datasheet HTML 2Page - RFE international VEJ Datasheet HTML 3Page - RFE international VEJ Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Page 4 of 4
RoHS
C1CB08
2021.10.27
ALUMINUM ELECTROLYTIC CAPACITORS
VEJ Series : SMD 105°C 2,000hrs
LEGACY MARKING
NEW MARKING
φD = 8 ~ 10 mm
Production code
Series name
Rated cap.
.
Rated voltage
Negative
polarity
A2
VEJ
470
6.3V
φD = 4 ~ 6.3 mm
Production code
Rated cap.
Rated voltage
Negative
polarity
A2
10
16V
φD ≥ 6.3 mm
Rated cap.
Rated voltage
Production code
Negative
polarity
220
16V
RVT
Production code
Rated cap.
Rated voltage
Series name
Negative
polarity
A2
VEJ
2200
6.3V
φD = 12.5 ~ 18 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com