Electronic Components Datasheet Search
  English  ▼

X  

IRF540 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IRF540
Description  N-channel TrenchMOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF540 Datasheet(HTML) 5 Page - NXP Semiconductors

  IRF540 Datasheet HTML 1Page - NXP Semiconductors IRF540 Datasheet HTML 2Page - NXP Semiconductors IRF540 Datasheet HTML 3Page - NXP Semiconductors IRF540 Datasheet HTML 4Page - NXP Semiconductors IRF540 Datasheet HTML 5Page - NXP Semiconductors IRF540 Datasheet HTML 6Page - NXP Semiconductors IRF540 Datasheet HTML 7Page - NXP Semiconductors IRF540 Datasheet HTML 8Page - NXP Semiconductors IRF540 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
IRF540, IRF540S
Fig.7. Typical transfer characteristics.
I
D = f(VGS)
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID)
Fig.9. Normalised drain-source on-state resistance.
R
DS(ON)/RDS(ON)25 ˚C = f(Tj)
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
012345
6789
10
Gate-source voltage, VGS (V)
Drain current, ID (A)
VDS > ID X RDS(ON)
Tj = 25 C
175 C
Threshold Voltage, VGS(TO) (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
Junction Temperature, Tj (C)
typical
maximum
minimum
0
2
4
6
8
10
12
14
16
18
20
02468
10 12 14 16 18 20 22 24 26 28 30
Drain current, ID (A)
Transconductance, gfs (S)
Tj = 25 C
175 C
VDS > ID X RDS(ON)
Drain current, ID (A)
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Gate-source voltage, VGS (V)
minimum
typical
maximum
Normalised On-state Resistance
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
Junction temperature, Tj (C)
10
100
1000
10000
0.1
1
10
100
Drain-Source Voltage, VDS (V)
Capacitances, Ciss, Coss, Crss (pF)
Ciss
Coss
Crss
August 1999
5
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com