Electronic Components Datasheet Search
  English  ▼

X  

IRF540 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IRF540
Description  N-channel TrenchMOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF540 Datasheet(HTML) 3 Page - NXP Semiconductors

  IRF540 Datasheet HTML 1Page - NXP Semiconductors IRF540 Datasheet HTML 2Page - NXP Semiconductors IRF540 Datasheet HTML 3Page - NXP Semiconductors IRF540 Datasheet HTML 4Page - NXP Semiconductors IRF540 Datasheet HTML 5Page - NXP Semiconductors IRF540 Datasheet HTML 6Page - NXP Semiconductors IRF540 Datasheet HTML 7Page - NXP Semiconductors IRF540 Datasheet HTML 8Page - NXP Semiconductors IRF540 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
IRF540, IRF540S
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
I
S
Continuous source current
-
-
23
A
(body diode)
I
SM
Pulsed source current (body
-
-
92
A
diode)
V
SD
Diode forward voltage
I
F = 28 A; VGS = 0 V
-
0.94
1.5
V
t
rr
Reverse recovery time
I
F = 17 A; -dIF/dt = 100 A/µs;
-
61
-
ns
Q
rr
Reverse recovery charge
V
GS = 0 V; VR = 25 V
-
200
-
nC
August 1999
3
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com