Electronic Components Datasheet Search
  English  ▼

X  

IRF540 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IRF540
Description  N-channel TrenchMOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF540 Datasheet(HTML) 1 Page - NXP Semiconductors

  IRF540 Datasheet HTML 1Page - NXP Semiconductors IRF540 Datasheet HTML 2Page - NXP Semiconductors IRF540 Datasheet HTML 3Page - NXP Semiconductors IRF540 Datasheet HTML 4Page - NXP Semiconductors IRF540 Datasheet HTML 5Page - NXP Semiconductors IRF540 Datasheet HTML 6Page - NXP Semiconductors IRF540 Datasheet HTML 7Page - NXP Semiconductors IRF540 Datasheet HTML 8Page - NXP Semiconductors IRF540 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
IRF540, IRF540S
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
• Low on-state resistance
V
DSS = 100 V
• Fast switching
• Low thermal resistance
I
D = 23 A
R
DS(ON) ≤ 77 mΩ
GENERAL DESCRIPTION
N-channel enhancement mode field-effect power transistor in a plastic envelope using ’trench’ technology.
Applications:-
• d.c. to d.c. converters
• switched mode power supplies
• T.V. and computer monitor power supplies
The IRF540 is supplied in the SOT78 (TO220AB) conventional leaded package.
The IRF540S is supplied in the SOT404 (D
2PAK) surface mounting package.
PINNING
SOT78 (TO220AB)
SOT404 (D
2PAK)
PIN
DESCRIPTION
1
gate
2
drain
1
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
100
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-
100
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Continuous drain current
T
mb =
25 ˚C; V
GS = 10 V
-
23
A
T
mb = 100 ˚C; VGS = 10 V
-
16
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
92
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
100
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
d
g
s
13
tab
2
12 3
tab
1 It is not possible to make connection to pin:2 of the SOT404 package
August 1999
1
Rev 1.100


Similar Part No. - IRF540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF540 STMICROELECTRONICS-IRF540 Datasheet
53Kb / 6P
N - CHANNEL100V - 00.50ohm - 30A - TO-220/TO-220FI POWER MOSFET
Apr-1998
logo
Fairchild Semiconductor
IRF540 FAIRCHILD-IRF540 Datasheet
146Kb / 5P
N-Channel Power MOSFETs, 27 A, 60-100V
logo
International Rectifier
IRF540 IRF-IRF540 Datasheet
177Kb / 6P
HEXFET POWER MOSFET
logo
STMicroelectronics
IRF540 STMICROELECTRONICS-IRF540 Datasheet
311Kb / 8P
N-CHANNEL 100V - 0.055Ω - 22A TO-220 LOW GATE CHARGE STripFET™II POWER MOSFET
Feb-2003
logo
Vishay Siliconix
IRF540 VISHAY-IRF540 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results

Similar Description - IRF540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP3055E PHILIPS-PHP3055E Datasheet
103Kb / 10P
N-channel TrenchMOS transistor
August 1999 Rev 1.200
PHP30NQ15T PHILIPS-PHP30NQ15T Datasheet
98Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
N-channel TrenchMOS transistor
June 2000 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
N-channel TrenchMOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com