Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 3 Page - SMSC Corporation

Part # LPC47M182
Description  Advanced I/O Controller with Motherboard GLUE Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 3 Page - SMSC Corporation

  LPC47M182 Datasheet HTML 1Page - SMSC Corporation LPC47M182 Datasheet HTML 2Page - SMSC Corporation LPC47M182 Datasheet HTML 3Page - SMSC Corporation LPC47M182 Datasheet HTML 4Page - SMSC Corporation LPC47M182 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMSC LPC47M182
Page 3
SMSC/Non-SMSC Register Sets (03-23-07)
PRODUCT PREVIEW
General Description
The LPC47M182* is a 3.3V (5V tolerant) PC99a/PC2001 compliant Advanced I/O controller for Desktop PCs. The
device, which implements the Low Pin Count (LPC) interface, includes I/O functionality as well as Motherboard GLUE
logic into a 128-pin package.
This is space saving solution on the motherboard resulting in lower cost.
The
LPC47M182 also provides 13 general purpose pins, which offer flexibility to the system designer, and two Fan
Tachometer Inputs. The LPC47M182’s LPC interface supports LPC I/O and DMA cycles.
The LPC47M182 includes complete legacy I/O: a keyboard interface; SMSC's true CMOS 765B floppy disk controller
with advanced digital data separator; two 16C550A compatible UARTs; one Multi-Mode parallel port including
ChiProtect circuitry plus EPP and ECP. The true CMOS 765B core provides 100% compatibility with IBM PC/XT and
PC/AT architectures, in addition, it provides data overflow and underflow protection. The SMSC’s patented advanced
digital data separator allows for ease of testing and use. The parallel port is compatible with IBM PC/AT architecture,
as well as IEEE 1284 EPP and ECP. The LPC47M182 incorporates sophisticated power control circuitry (PCC)
which includes support for keyboard and mouse wake up events as well as PME support. The PCC supports multiple
low power-down modes. The LPC47M182 is ACPI 1.0b/2.0 compatible.
The Motherboard GLUE logic includes various power management logic; including generation of nRSMRST, Power
OK signal generation, 5V main and standby reference generation. There are also three LEDs to indicate power
status and hard drive activity. The translation circuit converts 3.3V signals to 5V signals. Also included is SMBus
main power well to resume power well isolation circuitry.
The LPC47M182 supports the ISA Plug-and-Play Standard register set (Version 1.0a). The I/O Address, DMA
Channel and hardware IRQ of each logical device in the LPC47M182 may be reprogrammed through the internal
configuration registers. There are up to 480 (960 for Parallel Port) I/O address location options, a Serialized IRQ
interface, and three DMA channels. On chip, Interrupt Generating Registers enable external software to generate IRQ1
through IRQ15 on the Serial IRQ Interface.
The LPC47M182’s Enhanced Digital Data Separator does not require any external filter components and is therefore
easy to use and offers lower system costs and reduced board area. The LPC47M182 is register compatible with
SMSC’s proprietary 82077AA core.
*The “2” at the end of the part number is a designator for particular BIOS used inside the specific chip.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com