Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 4 Page - SMSC Corporation

Part # LPC47M182
Description  Advanced I/O Controller with Motherboard GLUE Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 4 Page - SMSC Corporation

  LPC47M182 Datasheet HTML 1Page - SMSC Corporation LPC47M182 Datasheet HTML 2Page - SMSC Corporation LPC47M182 Datasheet HTML 3Page - SMSC Corporation LPC47M182 Datasheet HTML 4Page - SMSC Corporation LPC47M182 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMSC/Non-SMSC Register Sets (03-23-07)
4
SMSC LPC47M182
PRODUCT PREVIEW
Block Diagram
LPC47M182
(128 QFP)
DIGITAL DATA
SEPARATOR
WITH WRITE
PRECOM-
PENSATION
SMSC PROPRIETARY
82077 COMPATIBLE
VERTICAL FLOPPYDISK
CONTROLLER CORE
WDATA
WCLOCK
RCLOCK
RDATA
FAN
Monitoring
Power LED
Multi-Mode
Parallel Port with
ChiProtectTM
PD[7:0]
BUSY, SLCT, PE,
nERROR, nACK
nSTROBE, nINITP,
nSLCTIN, nALF
Internal Bus
(Data, Address, and Control lines)
High-Speed
16550A UART
PORT
RXD
nDSR
nRI
nCTS
nIO_PME
GPIOs
GP10-GP15, GP16*, GP17*
(GP20-GP23)*
LAD[3:0]
nLFRAME
nLDRQ
nPCI_RESET
nLPCPD
SER_IRQ
PCI_CLK
LPC
Bus Interface
SERIAL IRQ /
Interrupt
Generating
Registers
XOR-Chain
KCLK, MCLK
KDAT, MDAT
GA20M
nKBDRST
nFPRST
nSECONDARY_HD
nPCI_RST_OUT
nPCI_RST_OUT2
F_CAP
V_5P0_STBY
nRSMRST
REF5V
REF5V_STBY
nAUD_LINK_RST
nCDC_DWN_ENAB*
nCDC_DWN_RST
nHD_LED
nSCSI
nIDE_RSTDRV
nPRIMARY_HD
Note 1: This diagram shows the
various functions available on the chip
(not pin layout). The block diagram
should not be used for pin count.
Note 2: Functions with asterisks (*)
are located on multifunctional pins.
PME /
Power Control
LATCHED_BF_CUT
nPS_ON
SCK_BJT_GATE
nBACKFEED_CUT
PWRGD_PS
TXD
nRTS
nDTR*
nDCD
nPCI_RESET
CNR Logic
Hard Drive
Front Panel
LED
Power
Sequencing
VGA
Voltage
Translation
SMBus
Isolation
CLOCK
GEN
Configuration
Registers
Keyboard/Mouse
8042 Controller
VCC (3.3V)
VTR (3.3V)
V_5P0_STBY
Buffered
PCI Reset
GP24*
Resume Reset
Generation
5V Reference
Generation
High-Speed
16550A UART
PORT 2
W/ Infrared
nDSR2
nRI2
nCTS2
nRTS2
nDCD2
RXD2
TXD2
nDTR2
IRTX2
IRRX2
Figure 1 - LPC47M182 Block Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com