Electronic Components Datasheet Search
  English  ▼

X  

LPC47M182 Datasheet(PDF) 1 Page - SMSC Corporation

Part # LPC47M182
Description  Advanced I/O Controller with Motherboard GLUE Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M182 Datasheet(HTML) 1 Page - SMSC Corporation

  LPC47M182 Datasheet HTML 1Page - SMSC Corporation LPC47M182 Datasheet HTML 2Page - SMSC Corporation LPC47M182 Datasheet HTML 3Page - SMSC Corporation LPC47M182 Datasheet HTML 4Page - SMSC Corporation LPC47M182 Datasheet HTML 5Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMSC LPC47M182
SMSC/Non-SMSC Register Sets (03-23-07)
PRODUCT PREVIEW
LPC47M182
Advanced I/O Controller with
Motherboard GLUE Logic
Data Brief
Product Features
3.3V Operation (5V tolerant)
LPC Interface
− Multiplexed Command, Address and Data Bus
− Serial IRQ Interface Compatible with Serialized IRQ
Support for PCI Systems
ACPI 1.0b/2.0 Compliant
Programmable Wake-up Event Interface
PC99a/PC2001 Compliant
General Purpose Input/Output Pins (13)
Fan Tachometer Inputs (2)
Green and Yellow Power LEDs
ISA Plug-and-Play Compatible Register Set
Motherboard GLUE Logic
− 5V Reference Generation
− 5V Standby Reference Generation
− IDE Reset/Buffered PCI Reset Outputs
− Power OK Signal Generation
− Power Sequencing
− Power Supply Turn On Circuitry
− Resume Reset Signal Generation
− Hard Drive Front Panel LED
− Voltage Translation for DDC to VGA Monitor
− SMBus Isolation Circuitry
− CNR Dynamic Down Control
2.88MB Super I/O Floppy Disk Controller
− Licensed CMOS 765B Floppy Disk Controller
− Software and Register Compatible with SMSC's
Proprietary 82077AA Compatible Core
− Supports One Floppy Drive
− Configurable Open Drain/Push-Pull Output Drivers
− Supports Vertical Recording Format
16-Byte Data FIFO
− 100% IBM Compatibility
− Detects All Overrun and Underrun Conditions
Sophisticated Power Control Circuitry (PCC)
Including Multiple Powerdown Modes for
Reduced Power Consumption
− DMA Enable Logic
− Data Rate and Drive Control Registers
480 Address, Up to Eight IRQ and Three DMA
Options
Enhanced Digital Data Separator
− 2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps, 250 Kbps
Data Rates
− Programmable Precompensation Modes
Keyboard Controller
− 8042 Software Compatible
− 8 Bit Microcomputer
− 2k Bytes of Program ROM
− 256 Bytes of Data RAM
− Four Open Drain Outputs Dedicated for
Keyboard/Mouse Interface
− Asynchronous Access to Two Data Registers and
One Status Register
− Supports Interrupt and Polling Access
− 8 Bit Counter Timer
− Port 92 Support
− Fast Gate A20 and KRESET Outputs
Serial Ports
− Two Full Function Serial Ports
− High Speed 16C550A Compatible UART with
Send/Receive 16-Byte FIFOs
− Supports 230k and 460k Baud
− Programmable Baud Rate Generator
− Modem Control Circuitry
− 480 Address and 15 IRQ Options
Infrared Port
− Multiprotocol Infrared Interface
− 32-Byte Data FIFO
− IrDA 1.0 Compliant
− SHARP ASK IR
− HP-SIR
− 480 Address, Up to 15 IRQ and Three DMA Options
Multi-Mode Parallel Port with ChiProtect
− Standard Mode IBM PC/XT, PC/AT, and PS/2
Compatible Bi-directional Parallel Port
− Enhanced Parallel Port (EPP) Compatible - EPP 1.7
and EPP 1.9 (IEEE 1284 Compliant)
− IEEE 1284 Compliant Enhanced Capabilities Port
(ECP)
− ChiProtect Circuitry for Protection
− 960 Address, Up to 15 IRQ and Three DMA Options
Interrupt Generating Registers
− Registers Generate IRQ1 – IRQ15 on Serial IRQ
Interface.
XOR-Chain Board Test
128 Pin QFP Lead-free RoHS Compliant
Package, 3.2 mm Footprint


Similar Part No. - LPC47M182

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M182 SMSC-LPC47M182 Datasheet
1Mb / 223P
ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
LPC47M182-NR SMSC-LPC47M182-NR Datasheet
1Mb / 223P
ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
LPC47M182-NW SMSC-LPC47M182-NW Datasheet
1Mb / 223P
ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
More results

Similar Description - LPC47M182

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82093AA INTEL-82093AA Datasheet
178Kb / 20P
I/O ADVANCED PROGRAMMABLE INTERRUPT CONTROLLER (IOAPIC)
logo
National Semiconductor ...
PC87373 NSC-PC87373 Datasheet
2Mb / 174P
LPC SuperI/O with Glue Functions
logo
SMSC Corporation
LPC47M172 SMSC-LPC47M172 Datasheet
1Mb / 227P
ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
LPC47N252 SMSC-LPC47N252 Datasheet
44Kb / 4P
Advanced Notebook I/O Controller with On-Board FLASH
LPC47M182 SMSC-LPC47M182 Datasheet
1Mb / 223P
ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
SCH5017 SMSC-SCH5017 Datasheet
208Kb / 5P
Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic
LPC47M172 SMSC-LPC47M172_07 Datasheet
1Mb / 226P
Advanced I/O Controller with Motherboard GLUE Logic
SCH5027D-NW SMSC-SCH5027D-NW Datasheet
222Kb / 5P
Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic with PECI
SCH5027E SMSC-SCH5027E Datasheet
189Kb / 5P
Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic with PECI
logo
Microchip Technology
SCH5017-NW MICROCHIP-SCH5017-NW Datasheet
221Kb / 5P
Super I/O with Temperature Sensing, Quiet Auto Fan and Glue Logic
Revision 0.5 05-24-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com