Electronic Components Datasheet Search
  English  ▼

X  

IRF640 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IRF640
Description  N-channel TrenchMOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF640 Datasheet(HTML) 6 Page - NXP Semiconductors

  IRF640 Datasheet HTML 1Page - NXP Semiconductors IRF640 Datasheet HTML 2Page - NXP Semiconductors IRF640 Datasheet HTML 3Page - NXP Semiconductors IRF640 Datasheet HTML 4Page - NXP Semiconductors IRF640 Datasheet HTML 5Page - NXP Semiconductors IRF640 Datasheet HTML 6Page - NXP Semiconductors IRF640 Datasheet HTML 7Page - NXP Semiconductors IRF640 Datasheet HTML 8Page - NXP Semiconductors IRF640 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
IRF640, IRF640S
Fig.13. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.14. Maximum permissible non-repetitive
avalanche current (I
AS) versus avalanche time (tAV);
unclamped inductive load
0
2
4
6
8
10
12
14
16
18
20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Source-Drain Voltage, VSDS (V)
Source-Drain Diode Current, IF (A)
Tj = 25 C
175 C
VGS = 0 V
0.1
1
10
100
0.001
0.01
0.1
1
10
Avalanche time, tAV (ms)
Maximum Avalanche Current, IAS (A)
Tj prior to avalanche = 150 C
25 C
August 1999
6
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com