Electronic Components Datasheet Search
  English  ▼

X  

IRF640 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IRF640
Description  N-channel TrenchMOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF640 Datasheet(HTML) 4 Page - NXP Semiconductors

  IRF640 Datasheet HTML 1Page - NXP Semiconductors IRF640 Datasheet HTML 2Page - NXP Semiconductors IRF640 Datasheet HTML 3Page - NXP Semiconductors IRF640 Datasheet HTML 4Page - NXP Semiconductors IRF640 Datasheet HTML 5Page - NXP Semiconductors IRF640 Datasheet HTML 6Page - NXP Semiconductors IRF640 Datasheet HTML 7Page - NXP Semiconductors IRF640 Datasheet HTML 8Page - NXP Semiconductors IRF640 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
IRF640, IRF640S
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); VGS ≥ 10 V
Fig.3. Safe operating area
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS)
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID)
Normalised Power Derating, PD (%)
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
Mounting Base temperature, Tmb (C)
0.001
0.01
0.1
1
10
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
Pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
single pulse
D = 0.5
0.2
0.1
0.05
0.02
tp
D = tp/T
D
P
T
Normalised Current Derating, ID (%)
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
150
175
Mounting Base temperature, Tmb (C)
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Drain-Source Voltage, VDS (V)
Drain Current, ID (A)
Tj = 25 C
VGS = 10V
5 V
5.5 V
8 V
4.5 V
6 V
0.1
1
10
100
1
10
100
1000
Drain-Source Voltage, VDS (V)
Peak Pulsed Drain Current, IDM (A)
D.C.
100 ms
10 ms
RDS(on) = VDS/ ID
1 ms
tp = 10 us
100 us
0
0.05
0.1
0.15
0.2
0.25
0.3
0
2
4
6
8
1012
1416
1820
Drain Current, ID (A)
Drain-Source On Resistance, RDS(on) (Ohms)
VGS = 10V
Tj = 25 C
6V
8 V
5.5 V
5 V
4.5 V
August 1999
4
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com