Electronic Components Datasheet Search
  English  ▼

X  

IRF640 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IRF640
Description  N-channel TrenchMOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF640 Datasheet(HTML) 1 Page - NXP Semiconductors

  IRF640 Datasheet HTML 1Page - NXP Semiconductors IRF640 Datasheet HTML 2Page - NXP Semiconductors IRF640 Datasheet HTML 3Page - NXP Semiconductors IRF640 Datasheet HTML 4Page - NXP Semiconductors IRF640 Datasheet HTML 5Page - NXP Semiconductors IRF640 Datasheet HTML 6Page - NXP Semiconductors IRF640 Datasheet HTML 7Page - NXP Semiconductors IRF640 Datasheet HTML 8Page - NXP Semiconductors IRF640 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
IRF640, IRF640S
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
• Low on-state resistance
V
DSS = 200 V
• Fast switching
• Low thermal resistance
I
D = 16 A
R
DS(ON) ≤ 180 mΩ
GENERAL DESCRIPTION
N-channel, enhancement mode field-effect power transistor using Trench technology, intended for use in off-line
switched mode power supplies, T.V. and computer monitor power supplies, d.c. to d.c. converters, motor control circuits
and general purpose switching applications.
The IRF640 is supplied in the SOT78 (TO220AB) conventional leaded package.
The IRF640S is supplied in the SOT404 (D
2PAK) surface mounting package.
PINNING
SOT78 (TO220AB)
SOT404 (D
2PAK)
PIN
DESCRIPTION
1
gate
2
drain
1
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
200
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-
200
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Continuous drain current
T
mb =
25 ˚C; V
GS = 10 V
-
16
A
T
mb = 100 ˚C; VGS = 10 V
-
11
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
64
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
136
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
d
g
s
13
tab
2
12 3
tab
1 It is not possible to make connection to pin:2 of the SOT404 package
August 1999
1
Rev 1.100


Similar Part No. - IRF640

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
logo
Fairchild Semiconductor
IRF640 FAIRCHILD-IRF640 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
IRF640 FAIRCHILD-IRF640 Datasheet
916Kb / 10P
200V N-Channel MOSFET
logo
International Rectifier
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
More results

Similar Description - IRF640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP3055E PHILIPS-PHP3055E Datasheet
103Kb / 10P
N-channel TrenchMOS transistor
August 1999 Rev 1.200
PHP30NQ15T PHILIPS-PHP30NQ15T Datasheet
98Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
N-channel TrenchMOS transistor
August 1999 Rev 1.000
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
N-channel TrenchMOS transistor
June 2000 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
N-channel TrenchMOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com