Electronic Components Datasheet Search
  English  ▼

X  

USB97C201 Datasheet(PDF) 15 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 11Page - SMSC Corporation USB97C201 Datasheet HTML 12Page - SMSC Corporation USB97C201 Datasheet HTML 13Page - SMSC Corporation USB97C201 Datasheet HTML 14Page - SMSC Corporation USB97C201 Datasheet HTML 15Page - SMSC Corporation USB97C201 Datasheet HTML 16Page - SMSC Corporation USB97C201 Datasheet HTML 17Page - SMSC Corporation USB97C201 Datasheet HTML 18Page - SMSC Corporation USB97C201 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
SMSC USB97C201
Page 15
Rev. 11-05-03
DATASHEET
6.1.2
MCU MEMORY MAP: XDATA SPACE
Table 3 - MCU XData Memory Map
8051 ADDRESS
DATA SPACE
ACCESS
0x3F30-0xFFFF
External Memory or I/O Devices
External
(IOR or IOW
active)
0x3F00-0x3F2F
Internal Test Registers (reserved access)
DO NOT ACCESS
0x33F7-0X3EFF
External Memory or I/O Devices
External
(IOR or IOW
active)
033F6
External ATA Interface I/O
External
(IOR or IOW
active)
0x31F8-0x33F5
External Memory or I/O Devices
External
(IOR or IOW
active)
0x31F0-0x31F7
External ATA Interface I/O
External
(IOR or IOW
active)
0x30F4-0x31EF
External Memory or I/O Devices
External
(IOR or IOW
active)
0X30F0-0X30F3
Internal Test Registers (reserved access)
DO NOT ACCESS
0X0700-0X30EF
External Memory or I/O Devices
External
(IOR or IOW
active)
0x0400-0x06FF
768 Byte SRAM
Internal
0x0000-0x03FF
(see Note 1)
External
(IOR or IOW
active)(see Note 1)
Note 1: This XDATA space is accessed using MOVX instructions. A region of 8051 Special Function Registers (SFR)
is also accessible at 0x0100 to 0x01FF addresses using the MOV instructions. In addition to the normal
8051 SFRs, there are also numerous Runtime Registers in this SFR space. These Runtime Registers are
external to the 8051, but internal to the USB97C201.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com