Electronic Components Datasheet Search
  English  ▼

X  

USB97C201-MN Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB97C201-MN
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201-MN Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB97C201-MN Datasheet HTML 16Page - SMSC Corporation USB97C201-MN Datasheet HTML 17Page - SMSC Corporation USB97C201-MN Datasheet HTML 18Page - SMSC Corporation USB97C201-MN Datasheet HTML 19Page - SMSC Corporation USB97C201-MN Datasheet HTML 20Page - SMSC Corporation USB97C201-MN Datasheet HTML 21Page - SMSC Corporation USB97C201-MN Datasheet HTML 22Page - SMSC Corporation USB97C201-MN Datasheet HTML 23Page - SMSC Corporation USB97C201-MN Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
SMSC USB97C201
Page 20
Rev. 11-05-03
DATASHEET
Table 7 - Interrupt 0 Mask
IMR_0
(0x93- RESET=0xFF)
INTERRUPT 0 MASK REGISTER
BIT
NAME
R/W
DESCRIPTION
7
USB_STAT
R/W
USB Bus System Event interrupt mask
0 = Enable Interrupt
1 = Mask Interrupt
6
SETUP
R/W
SETUP interrupt mask
0 = Enable Interrupt
1 = Mask Interrupt
5
Reserved
R/W
Reserved.
4
ATA_IRQ
R/W
External ATA-66 interrupt input mask
0 = Enable Interrupt
1 = Mask Interrupt
3
RAMRD_B
R/W
SRAM Buffer B Output Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
2
RAMRD_A
R/W
SRAM Buffer A Output Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
1
RAMWR_B
R/W
SRAM Buffer B Input Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
0
RAMWR_A
R/W
SRAM Buffer A Input Interrupt Mask
0 = Enable Interrupt
1 = Mask Interrupt
Note1: The mask bits do not prevent the status in the ISR_0 register from being set, only from generating an
interrupt.
Table 8 - Interrupt 1 Source Register
ISR_1
(0x90- RESET=0x00)
INTERRUPT 1 SOURCE REGISTER
BIT
NAME
R/W
DESCRIPTION
7
ZLP_EP0
R/W
1= A ZLP has been received on EP0RX.
6
Reserved
R
This bit always reads a “0”.
5
ATA_PIO
R
This bit reflects that state of the PIO_COMPLETE bit (bit 6) of
the ATA_CTL register. It cannot be written directly.
4
EP1RX
R/W
1 = A Packet was successfully received on Endpoint 1 and
stored in the Buffer SRAM. OUT tokens will be NAK’d until this
bit is cleared.
3
EP1TX
R/W
1 = A Packet was successfully transmitted on Endpoint 1 from
the Buffer SRAM. IN tokens will be NAK’d until this bit is
cleared.
2
EP0RX
R/W
1 = A non-SETUP, non ZLP Packet (see ISR_0 SETUP bit)
was successfully received on Endpoint 0 and stored in the
Buffer SRAM. OUT tokens will be NAK’d until this bit is
cleared.
1
EP0TX
R/W
1 = A Packet was successfully transmitted on Endpoint 0 from
the Buffer SRAM. IN tokens will be NAK’d until this bit is
cleared.
0
SUSPEND
R/W
Suspend – If 3ms of IDLE state are detected by the hardware,
then this bit will be set.
Note 1: The bits (except for bit 5)in this register are cleared by writing a ‘1’ to the corresponding bit. If not masked by
the corresponding bit in the IMR1 mask register, a “1” on any of these bits will generate a “1” on the 8051 core’s
external INT1 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com