Electronic Components Datasheet Search
  English  ▼

X  

USB97C201-MN Datasheet(PDF) 29 Page - SMSC Corporation

Part # USB97C201-MN
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201-MN Datasheet(HTML) 29 Page - SMSC Corporation

Back Button USB97C201-MN Datasheet HTML 25Page - SMSC Corporation USB97C201-MN Datasheet HTML 26Page - SMSC Corporation USB97C201-MN Datasheet HTML 27Page - SMSC Corporation USB97C201-MN Datasheet HTML 28Page - SMSC Corporation USB97C201-MN Datasheet HTML 29Page - SMSC Corporation USB97C201-MN Datasheet HTML 30Page - SMSC Corporation USB97C201-MN Datasheet HTML 31Page - SMSC Corporation USB97C201-MN Datasheet HTML 32Page - SMSC Corporation USB97C201-MN Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
SMSC USB97C201
Page 29
Rev. 11-05-03
DATASHEET
6.1.4.4
SIE & Buffer Control Registers
Table 24 –USB Address Register
USB_ADD
(0xA9 – RESET=0x00)
USB ADDRESS REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
This bit always reads a “1”.
[6:0]
ADDR[6:0]
R
This is the USB bus address that the device will respond to
when the EN bit is set. These bits are cleared for a
USB_RESET condition. This is automatically set during
enumeration by the SIE.
Table 25 – SIE Configuration Register
SIE_CONF
(0xAA - RESET=0x40)
SIE CONFIGURATION REGISTER
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R
This bit always reads a “0”.
6
DISCONNECT
R/W
1 = Forces the PHY to the DISCONNECT state, removing the
RTERM resistor from the USB+ pin and forcing the PHY to ignore
signaling on the USB bus.
0= Normal operation.
[5:4]
Reserved
R
These bits always read “0”.
3
Reserved
R/W
This bit is reserved. It must never be written to a “1”.
2
SPEED
R
1 = High speed operation, if host is capable (See USB_STAT
register).
0 = Full Speed operation.
This bit is automatically set by the internal SIE during enumeration.
1
RESUME
R/W
1 = Forces the SIE to transmit Resume Signaling (“K” State) on the
line,
if
this
capability
has
been
enabled
by
the
SET_FEATURE_REMOTE_WAKEUP command form the host. This
bit is set by the 8051 after it wakes up from a power down state, for
remote wakeup operation. The USB97C201 appropriately times the
duration of this signaling in accordance with the USB specifications.
This bit will not be automatically cleared at the end of the RESUME
signaling.
Note: In order for the USB97C201 to generate a remote wake-up, the
SUSPEND bit in this register MUST be cleared (0).
0 = Normal operation
0
SUSPEND
R/W
1 = Forces the USB97C201’s PHY into power down mode for
SUSPEND operation and to enable the detection of resume events
and the setting of the RESUME interrupts in USB_STAT and
WU_SRC_1 registers.
0 = This bit is cleared by the 8051 during wake-up operations
(RESUME or Remote RESUME) to re-power the PHY and enable its
clocks.
Note: In order for the USB97C201 to generate a remote wake-up
using bit 1 of this register, this bit MUST be cleared (0).
Note 1: If a SETUP packet is received on Endpoint 0 that is not automatically handled by the SIE (See Section
6.2.36.2.1) :
1.
Any STALL conditions will be cleared for EP0.
2.
An interrupt is generated, if unmasked, by the SETUP bit in the ISR_0 register.
The reception of the packet will be indicated by the SETUP bits in the ISR_0 register being set. The pid
sequence is set to DATA-1 for both directions after a valid setup/DATA-0 transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com