Electronic Components Datasheet Search
  English  ▼

X  

USB97C201-MN Datasheet(PDF) 41 Page - SMSC Corporation

Part # USB97C201-MN
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201-MN Datasheet(HTML) 41 Page - SMSC Corporation

Back Button USB97C201-MN Datasheet HTML 37Page - SMSC Corporation USB97C201-MN Datasheet HTML 38Page - SMSC Corporation USB97C201-MN Datasheet HTML 39Page - SMSC Corporation USB97C201-MN Datasheet HTML 40Page - SMSC Corporation USB97C201-MN Datasheet HTML 41Page - SMSC Corporation USB97C201-MN Datasheet HTML 42Page - SMSC Corporation USB97C201-MN Datasheet HTML 43Page - SMSC Corporation USB97C201-MN Datasheet HTML 44Page - SMSC Corporation USB97C201-MN Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
SMSC USB97C201
Page 41
Rev. 11-05-03
DATASHEET
IDE_TIM
(0xDF - RESET=0x00)
IDE TIMING REGISTER
BIT
NAME
R/W
DESCRIPTION
2
PPE
R/W
Prefetch and Posting Enable.
1:Prefetch and posting to the IDE data port is enabled for the
drive.
0: Prefetch and posting is disabled for the drive .
1
ISPE
R/W
IORDY Sample Point Enable.
1: All accesses to the ATA I/O address range sample IORDY.
The IORDY sample point is specified by the “IORDY Sample
Point” field of this register.
0: IORDY sampling is disabled. The internal IORDY signal is
forced asserted guaranteeing that IORDY is sampled asserted
at the first sample point as specified by the “IORDY Sample
Point” field in this register.
0
FTB
R/W
Fast Timing Bank.
1: Accesses to the data port of the ATA IO address range
uses fast timings. PIO accesses to the data port use fast
timing only if bit 3 of this register is zero. Accesses to all non-
data ports of the ATA I/O address range always use the 8 bit
compatible timings.
0: Accesses to the data port of the ATA I/O address range
uses the 16 bit compatible timing.
Note: the following settings should be used for the ISP, RT, DTE, and FTB bits for the various PIO and MWDMA
modes:
MODE
ISP[1:0]
RT[1:0]
FTB
DTE
COMMENT
PIO Mode 0
00
11
1
0
ATA PIO cycle speed limited by 8051 data moves
PIO Mode 1
01
11
1
0
ATA PIO cycle speed limited by 8051 data moves
PIO Mode 2-4
10
11
1
0
ATA PIO cycle speed limited by 8051 data moves
MWDMA 0
00
00
0
x
requires compatibility mode timing to be used
MWDMA 1
10
10
1
x
MWDMA 2
10
11
1
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com