Electronic Components Datasheet Search
  English  ▼

X  

EMC1002 Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC1002
Description  1째C Dual SMBus Sensor with Resistance Error Correction
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC1002 Datasheet HTML 9Page - SMSC Corporation EMC1002 Datasheet HTML 10Page - SMSC Corporation EMC1002 Datasheet HTML 11Page - SMSC Corporation EMC1002 Datasheet HTML 12Page - SMSC Corporation EMC1002 Datasheet HTML 13Page - SMSC Corporation EMC1002 Datasheet HTML 14Page - SMSC Corporation EMC1002 Datasheet HTML 15Page - SMSC Corporation EMC1002 Datasheet HTML 16Page - SMSC Corporation EMC1002 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
SMSC EMC1002
13
Revision 1.3 (03-24-06)
DATASHEET
4.7
Standby Mode
The EMC1002 can be set to standby mode (low power) by setting a bit in the Configuration Register
as described in 4.10, "Configuration Register," on page 14. This shuts down all internal analog
functions while the SMBus remains enabled. When the EMC1002 is in standby mode, a One-Shot
command measurement can be initiated. The user may also write new values to the limit registers
described in 4.12, "Limit Registers," on page 15 while in standby. If the previously stored temperature
is outside any of the new limits, the ALERT/THERM2 output will respond as described in Section 4.5
and the ADDR/THERM output will respond as described in Section 4.6.
4.8
Register Allocation
The registers shown in Table 4.3 are accessible through the SMBus.
Note 4.5
Revision number may change. Please obtain the latest version of this document from the
SMSC web site.
At device power-up, the default values are stored in registers as shown. A power-on-reset is initiated
when power is first applied to the part and the VDD supply exceeds the POR threshold. Reads of
undefined registers will return 00h and writes to undefined registers will be ignored.
The EMC1002 uses an interlock mechanism that locks the low byte value when the high byte register
is read. This prevents updates to the low byte register between high byte and low byte reads. This
Table 4.3 EMC1002 Register Map
READ
ADDRESS
(HEX)
WRITE
ADDRESS
(HEX)
REGISTER NAME
POWER-ON DEFAULT
00
N/A
Internal Temperature Value High Byte
0000 0000
01
N/A
Remote Temperature Value High Byte
0000 0000
02
N/A
Status
undefined
03
09
Configuration
0000 0000
04
0A
Conversion Rate
0000 1000
05
0B
Internal Temperature High Limit
0101 0101 (85
°C)
06
0C
Internal Temperature Low Limit
0000 0000 (0
°C)
07
0D
Remote Temperature High Limit High Byte
0101 0101 (85
°C)
08
0E
Remote Temperature Low Limit High Byte
0000 0000 (0
°C)
N/A
0F
One-Shot
10
N/A
Remote Temperature Value Low Byte
0000 0000
11
11
Scratchpad Byte 1
0000 0000
12
12
Scratchpad Byte 2
0000 0000
13
13
Remote Temperature High Limit Low Byte
0000 0000
14
14
Remote Temperature Low Limit Low Byte
0000 0000
19
19
Remote THERM Limit
0101 0101 (85
°C)
20
20
Internal THERM Limit
0101 0101 (85
°C)
21
21
THERM Hysteresis
0000 1010 (10
°C)
22
22
Consecutive ALERT
0000 0001
27
27
Remote Ideality Factor
0001 0010 (1.008)
29
N/A
Internal Temperature Value Low Byte
0000 0000
FD
Product ID
0000 0010 - EMC1002-1
0000 0011 - EMC1002-2
FE
N/A
Manufacture ID
0101 1101
FF
N/A
Revision Number
0000 0001 Note 4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com