Electronic Components Datasheet Search
  English  ▼

X  

EMC1002 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1002
Description  1째C Dual SMBus Sensor with Resistance Error Correction
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1002 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1002 Datasheet HTML 4Page - SMSC Corporation EMC1002 Datasheet HTML 5Page - SMSC Corporation EMC1002 Datasheet HTML 6Page - SMSC Corporation EMC1002 Datasheet HTML 7Page - SMSC Corporation EMC1002 Datasheet HTML 8Page - SMSC Corporation EMC1002 Datasheet HTML 9Page - SMSC Corporation EMC1002 Datasheet HTML 10Page - SMSC Corporation EMC1002 Datasheet HTML 11Page - SMSC Corporation EMC1002 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
1°C Dual SMBus Sensor with Resistance Error Correction
Datasheet
Revision 1.3 (03-24-06)
8
SMSC EMC1002
DATASHEET
3.4
Receive Byte
The Receive Byte protocol is used to read data from a register when the internal register address
pointer is known to be at the right location (e.g. set via Send Byte). This can be used for consecutive
reads of the same register as shown below:
3.5
Alert Response Address
The ALERT/THERM2 output can be used as an SMBALERT# as described in Section 4.5 on page 11.
The Alert Response Address is polled by the Host whenever it detects an SMBALERT#, i.e. when the
ALERT
/THERM2 pin is asserted. The EMC1002 will acknowledge the Alert Response Address and
respond with its device address as shown below:
3.6
SMBus Addresses
The EMC1002-2 may be configured to one of four 7-bit slave addresses that are enabled based on
the pull-up resistor on the ADDR/THERM pin. The value of this pull-up resistor determines the slave
address per Table 1.2, “Ordering Information,” on page 3. Attempting to communicate with the
EMC1002 SMBus interface with an invalid slave address or invalid protocol results in no response from
the device and does not affect its register contents. The EMC1002 supports stretching of the SMCLK
signal by other devices on the SMBus but will not perform this operation itself. The EMC1002 has an
SMBus timeout feature. Bit 7 of the Consecutive Alert register enables this function when set to 1 (the
default setting is 0). When this feature is enabled, the SMBus will timeout after approximately 25ms
of inactivity.
Table 3.4 SMBus Receive Byte Protocol
FIELD:
START
SLAVE ADDR
RD
ACK
REG. DATA
NACK
STOP
Bits:
17
1
1
8
1
1
Table 3.5 Modified SMBus Receive Byte Protocol Response to ARA
FIELD:
START
ALERT
RESPONSE
ADDRESS
RD
ACK
EMC1002 SLAVE
ADDRESS
NACK
STOP
Bits:
17
1
1
8
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com