Electronic Components Datasheet Search
  English  ▼

X  

ISP1130 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # ISP1130
Description  Universal Serial Bus compound hub with integrated keyboard controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1130 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button ISP1130 Datasheet HTML 40Page - NXP Semiconductors ISP1130 Datasheet HTML 41Page - NXP Semiconductors ISP1130 Datasheet HTML 42Page - NXP Semiconductors ISP1130 Datasheet HTML 43Page - NXP Semiconductors ISP1130 Datasheet HTML 44Page - NXP Semiconductors ISP1130 Datasheet HTML 45Page - NXP Semiconductors ISP1130 Datasheet HTML 46Page - NXP Semiconductors ISP1130 Datasheet HTML 47Page - NXP Semiconductors ISP1130 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
Philips Semiconductors
ISP1130
USB compound hub with keyboard controller
Objective specification
Rev. 01 — 23 March 2000
44 of 68
9397 750 06895
© Philips Electronics N.V. 2000. All rights reserved.
10.8 I/O description
The following groups of I/O lines are available for interfacing a keyboard matrix to the
ISP1130:
MX0 to MX7 — return lines for keyboard matrix; inputs with internal 8.2 k
Ω pull-up
resistors, 5 V tolerant. Inputs MX3 and MX4 are multiplexed with the SCL and SDA
lines respectively. This allows the ISP1130 firmware to read configuration data from
an external EEPROM via SDA and SCL, e.g. upon a hardware or a USB bus reset.
MY0 to MY17 — scan lines for keyboard matrix; bidirectional lines with internal 82 k
Ω
pull-down resistors and 8.2 k
Ω pull-up resistors. The pull-down resistors are selected
by setting bit DisableKBDMatrix in the USBCON register. In Idle mode these lines are
inputs, which are OR-ed together to generate an interrupt when a key is pressed.
CAPSLOCK / NUMLOCK / SCRLOCK — open drain outputs for driving Caps Lock,
Num Lock and Scroll Lock indicator LEDs (max. 8 mA).
Remark: When accessing external functions or devices via the ISP1130 bus lines, it
is recommended to isolate the MYn lines by means of analog switches, controlled via
output MEMSEL/UPGL. This prevents bus conflicts during keyboard scanning.
10.9 I/O port mapping
Table 74 provides the mapping of standard 80C51 input/output ports with respect to
their use in ISP1130.
10.10 Keyboard matrix implementation
The ISP1130 can support a maximum key matrix size of 18
× 8, totalling 144 keys. A
typical implementation of the keyboard matrix is shown in Figure 7.
Table 74: Mapping of I/O ports between ISP1130 and 80C51
ISP1130 ports
80C51 ports
Description
MY0 to MY7
P0.0 to P0.7
keyboard scan lines
MY8 to MY15
P2.0 to P2.7
keyboard scan lines
MY16
P1.0
keyboard scan lines
MY17
P1.1
keyboard scan lines
MEMSEL/UPGL
P1.2
chip select output for an external EEPROM;
upstream port GoodLink indicator output
CAPSLOCK
P1.3
control output for Caps Lock LED indicator
NUMLOCK
P1.4
control output for Num Lock LED indicator
SCRLOCK
P1.5
control output for Scroll Lock LED indicator
n.c.
P1.6
not used
n.c.
P1.7
not used
MX0 to MX7
P3.0 to P3.7
keyboard return lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com