Electronic Components Datasheet Search
  English  ▼

X  

ISP1130 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # ISP1130
Description  Universal Serial Bus compound hub with integrated keyboard controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1130 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button ISP1130 Datasheet HTML 14Page - NXP Semiconductors ISP1130 Datasheet HTML 15Page - NXP Semiconductors ISP1130 Datasheet HTML 16Page - NXP Semiconductors ISP1130 Datasheet HTML 17Page - NXP Semiconductors ISP1130 Datasheet HTML 18Page - NXP Semiconductors ISP1130 Datasheet HTML 19Page - NXP Semiconductors ISP1130 Datasheet HTML 20Page - NXP Semiconductors ISP1130 Datasheet HTML 21Page - NXP Semiconductors ISP1130 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
Philips Semiconductors
ISP1130
USB compound hub with keyboard controller
Objective specification
Rev. 01 — 23 March 2000
18 of 68
9397 750 06895
© Philips Electronics N.V. 2000. All rights reserved.
[1]
Value in units of 2 ms.
[2]
Depending on the number of embedded functions configured, the value ranges from 03H to 05H or
from 02H to 04H (downstream port 2 disabled).
Remark: Downstream port 2 can be disabled by connecting both D
+ and D− to V
CC. Embedded
functions are configured via the USBCONA register (see Table 55).
[3]
Default value (08H): ports 1 and 2 removable, port 3 non-removable. The value can be 08H, 18H or
38H depending on the configured number of embedded functions (1, 2 or 3). When downstream
port 2 is disabled, the possible values are 4CH, 0CH or 1CH (1, 2 or 3 embedded functions).
[1]
Unicode encoded string.
[2]
X represents the hardware setting DEVNAME (4 bits), which specifies the final digit (X) in the device
name string “ISP113X”. The Unicode representation of this digit is “0000.0000.0011.DEVNAME”.
3
wHubCharacteristics
2
0D, 00
individual power switching,
individual overcurrent protection
15, 00
individual power switching,
no overcurrent protection
5
bPwrOn2PwrGood [1]
1
32
100 ms
6
bHubContrCurrent
1
64
maximum hub controller current
(100 mA)
7
DeviceRemovable
1
08 [3]
downstream ports removable;
embedded functions non-removable
8
PortPwrCtrlMask
1
FF
must be all ones for compatibility with
USB Specification Rev. 1.0
Table 13: String descriptors
String descriptors are optional and therefore disabled by default; they can be enabled via the
Set Mode command (see Table 25).
Offset
(bytes)
Field name
Size
(bytes)
Value
(Hex)
Comments
String descriptor (0): language ID string
0
bLength
1
04
descriptor length=4bytes
1
bDescriptorType
1
03
type = STRING
2
bString
2
09, 04
LANGID code zero
String descriptor (1): manufacturer string
0
bLength
1
2E
descriptor length = 46 bytes
1
bDescriptorType
1
03
type = STRING
2
bString
44
UC [1]
“Philips Semiconductors”
String descriptor (2): product string
0
bLength
1
10
descriptor length = 16 bytes
1
bDescriptorType
1
03
type = STRING
2
bString
14
UC [1]
“ISP113X” [2]; X = 0H for the ISP1130
Table 12: Hub descriptor…continued
Offset
(bytes)
Field name
Size
(bytes)
Value
(Hex)
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com