Electronic Components Datasheet Search
  English  ▼

X  

ISP1130 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1130
Description  Universal Serial Bus compound hub with integrated keyboard controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1130 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1130 Datasheet HTML 4Page - NXP Semiconductors ISP1130 Datasheet HTML 5Page - NXP Semiconductors ISP1130 Datasheet HTML 6Page - NXP Semiconductors ISP1130 Datasheet HTML 7Page - NXP Semiconductors ISP1130 Datasheet HTML 8Page - NXP Semiconductors ISP1130 Datasheet HTML 9Page - NXP Semiconductors ISP1130 Datasheet HTML 10Page - NXP Semiconductors ISP1130 Datasheet HTML 11Page - NXP Semiconductors ISP1130 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Philips Semiconductors
ISP1130
USB compound hub with keyboard controller
Objective specification
Rev. 01 — 23 March 2000
8 of 68
9397 750 06895
© Philips Electronics N.V. 2000. All rights reserved.
6.1 80C51 microcontroller
An integrated 80C51 microcontroller serves as a keyboard controller. It has 8 kbytes
of mask ROM and 256 bytes of RAM. The I/O ports have been configured as an
8
× 18 line scan matrix. Three LED control outputs are available for keyboard status
indicators (Caps Lock, Num Lock and Scroll Lock). Interfacing to the USB hub is done
via 3 registers (command, data, status), which are accessible via the external data
memory address space (MOVX instruction).
The keyboard firmware resides in the ROM and enumerates the embedded function
as ‘HID compatible keyboard device’ during hub initialization.
The microcontroller runs on a 12 MHz clock, derived from the PLL oscillator. A
watchdog timer resets the microcontroller in case of a software hang-up.
6.2 Analog transceivers
The integrated transceivers interface directly to the USB cables through external
termination resistors. They are capable of transmitting and receiving serial data at
both ‘full-speed’ (12 Mbit/s) and ‘low-speed’ (1.5 Mbit/s) data rates. The slew rates
are adjusted according to the speed of the device connected and lie within the range
mentioned in the
USB Specification Rev. 1.1.
6.3 Philips Serial Interface Engine (SIE)
The Philips SIE implements the full USB protocol layer. It is completely hardwired for
speed and needs no firmware intervention. The functions of this block include:
synchronization pattern recognition, parallel/serial conversion, bit (de-)stuffing, CRC
checking/generation, Packet IDentifier (PID) verification/generation, address
recognition, handshake evaluation/generation.
6.4 Hub repeater
The hub repeater is responsible for managing connectivity on a ‘per packet’ basis. It
implements ‘packet signalling’ and ‘resume’ connectivity. Low-speed devices can be
connected to downstream ports. If a low-speed device is detected the repeater will
not propagate upstream packets to the corresponding port, unless they are preceded
by a PREAMBLE PID.
6.5 End-of-frame timers
This block contains the specified EOF1 and EOF2 timers which are used to detect
‘loss-of-activity’ and ‘babble’ error conditions in the hub repeater. The timers also
maintain the low-speed keep-alive strobe which is sent at the beginning of a frame.
6.6 General and individual port controller
The general and individual port controllers together provide status and control of
individual downstream ports. Any port status change will be reported to the host via
the hub status change (interrupt) endpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com