Electronic Components Datasheet Search
  English  ▼

X  

MAX8716 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8716
Description  Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8716 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8716 Datasheet HTML 9Page - Maxim Integrated Products MAX8716 Datasheet HTML 10Page - Maxim Integrated Products MAX8716 Datasheet HTML 11Page - Maxim Integrated Products MAX8716 Datasheet HTML 12Page - Maxim Integrated Products MAX8716 Datasheet HTML 13Page - Maxim Integrated Products MAX8716 Datasheet HTML 14Page - Maxim Integrated Products MAX8716 Datasheet HTML 15Page - Maxim Integrated Products MAX8716 Datasheet HTML 16Page - Maxim Integrated Products MAX8716 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Interleaved High-Efficiency, Dual Power-Supply
Controllers for Notebook Computers
______________________________________________________________________________________
13
VDD
DH1
BST1
DL1
LX1
CSH1
CBST2
0.1µF
NH2
DL2
RCS2
7mΩ
L2
5.7µH
COUT2
150µF
+5V BIAS
POWER-GOOD 1
POWER-GOOD 2
NL2
CBST1
0.1µF
NH1
NL1
RCS1
7mΩ
COUT1
220µF
DL1
L1
5.7µH
DBST1
DBST2
C1
1µF
+5V BIAS
3.3V PWM
OUTPUT
INPUT (VIN)
SEE TABLE 1 FOR COMPONENT SPECIFICATIONS.
FB1
POWER GROUND
ANALOG GROUND
MAX8716
MAX8717
MAX8757
CIN
(2) 10µF
REF (300kHz)
SKIP1
SKIP2
ILIM1
ILIM2
BST2
LX2
DL2
*PGND
*AGND
CSH2
CSL2
FB2
DH2
CSL1
DEFAULT
CURRENT
LIMIT
ON1
ON2
ON OFF
5V PWM
OUTPUT
VCC
PGOOD1
R1
20Ω
C2
1µF
R2
100kΩ
PGOOD2
FSEL
REF
R3
100kΩ
VCC
PULSE-
SKIPPING
CONTROL
VCC
VCC
VCC
CREF
0.22µF
MAX8717 AND MAX8757 ONLY
*FOR THE MAX8716 AGND AND PGND,
REFER TO A SINGLE
PIN DESIGNATED GND.
Figure 1. Standard Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com