Electronic Components Datasheet Search
  English  ▼

X  

MAX8716 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8716
Description  Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8716 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8716 Datasheet HTML 1Page - Maxim Integrated Products MAX8716 Datasheet HTML 2Page - Maxim Integrated Products MAX8716 Datasheet HTML 3Page - Maxim Integrated Products MAX8716 Datasheet HTML 4Page - Maxim Integrated Products MAX8716 Datasheet HTML 5Page - Maxim Integrated Products MAX8716 Datasheet HTML 6Page - Maxim Integrated Products MAX8716 Datasheet HTML 7Page - Maxim Integrated Products MAX8716 Datasheet HTML 8Page - Maxim Integrated Products MAX8716 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Interleaved High-Efficiency, Dual Power-Supply
Controllers for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, VCC, CSL1, CSH1, CSL2, CSH2 to AGND ......-0.3V to +6V
ON1, ON2, SKIP1, SKIP2, PGOOD1,
PGOOD2 to AGND ...............................................-0.3V to +6V
FB1, FB2, ILIM1, ILIM2, FSEL to AGND ...................-0.3V to +6V
REF to AGND..............................................-0.3V to (VCC + 0.3V)
BST1, BST2 to AGND .............................................-0.3V to +36V
LX1 to BST1..............................................................-6V to +0.3V
LX2 to BST2..............................................................-6V to +0.3V
DH1 to LX1 ..............................................-0.3V to (VBST1 + 0.3V)
DH2 to LX2 ..............................................-0.3V to (VBST2 + 0.3V)
DL1, DL2 to PGND .....................................-0.3V to (VDD + 0.3V)
AGND to PGND .....................................................-0.3V to +0.3V
REF Short Circuit to AGND.........................................Continuous
REF Current ......................................................................+10mA
Continuous Power Dissipation (TA = +70°C)
24-Pin Thin QFN 4mm x 4mm (derate 20.8mW/°C
above +70°C)..........................................................1666.7mW
28-Pin Thin QFN 5mm x 5mm (derate 21.3mW/°C
above +70°C)..........................................................1702.1mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 12V, FSEL = REF, SKIP_ = 0, VON_ = VILIM_ = VCC = VDD = 5V, TA = 0°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLIES
VIN
26
Input Voltage Range
VBIAS
VCC, VDD
4.5
5.5
V
VCC rising
3.9
4.15
4.4
VCC Undervoltage-Lockout
Threshold
VUVLO
200mV typical
hysteresis
VCC falling
3.7
3.95
4.2
V
Quiescent Supply Current (VCC)ICC
CSL_ and FB_ forced above their regulation
points
0.8
1.3
mA
Quiescent Supply Current (VDD)IDD
CSL_ and FB_ forced above their regulation
points
<1
5
µA
Shutdown Supply Current (VCC)
ON1 = ON2 = GND
<1
5
µA
Shutdown Supply Current (VDD)
ON1 = ON2 = GND
<1
5
µA
MAIN SMPS CONTROLLERS
PWM1 Output Voltage in Fixed
Mode
VOUT1
VIN = 6V to 26V, SKIP1 = VCC,
zero to full load (Note 2)
3.265
3.30
3.365
V
PWM2 Output Voltage in Fixed
Mode
VOUT2
VIN = 6V to 26V, SKIP2 = VCC,
zero to full load (Note 2)
4.94
5.00
5.09
V
VIN = 6V to 26V, FB1 or FB2,
duty factor = 20% to 80%
0.990
1.005
1.020
Feedback Voltage in Adjustable
Mode (Note 2)
VFB_
VIN = 6V to 26V, FB1 or FB2,
duty factor = 50%
0.995
1.005
1.015
V
Output-Voltage Adjust Range
Either SMPS
1.0
5.5
V
FB1, FB2 Fixed-Mode Threshold
Voltage
Dual-mode comparator
1.9
2.1
V
Feedback Input Leakage Current
FB1 = 1.1V, FB2 = 1.1V
-0.1
+0.1
µA
DC Load Regulation
Either SMPS,
SKIP_ = VCC, zero to full load
-0.1
%
Note 1: For the 24-pin TQFN version, AGND and PGND refer to a single pin designated GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com