Electronic Components Datasheet Search
  English  ▼

X  

MAX8716 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX8716
Description  Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8716 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX8716 Datasheet HTML 17Page - Maxim Integrated Products MAX8716 Datasheet HTML 18Page - Maxim Integrated Products MAX8716 Datasheet HTML 19Page - Maxim Integrated Products MAX8716 Datasheet HTML 20Page - Maxim Integrated Products MAX8716 Datasheet HTML 21Page - Maxim Integrated Products MAX8716 Datasheet HTML 22Page - Maxim Integrated Products MAX8716 Datasheet HTML 23Page - Maxim Integrated Products MAX8716 Datasheet HTML 24Page - Maxim Integrated Products MAX8716 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Interleaved High-Efficiency, Dual Power-Supply
Controllers for Notebook Computers
______________________________________________________________________________________
21
Output Undervoltage Protection
If the output voltage of either SMPS falls below 70% of
its regulation voltage, the corresponding controller sets
its undervoltage fault latch, pulls PGOOD_ low, and
begins soft-shutdown for the corresponding SMPS con-
troller by pulsing DL_. DH_ remains off during the soft-
shutdown sequence initiated by an unvervoltage fault.
The other controller is not affected. After soft-shutdown
has completed, the MAX8716/MAX8717/MAX8757
force DL_ high and DH_ low. Cycle VCC below 1V or
toggle ON_ to clear the undervoltage fault latch and
restart the SMPS controller.
VCC POR and UVLO
Power-on reset (POR) occurs when VCC rises above
approximately 2V, resetting the fault latch and prepar-
ing the PWM for operation. VCC undervoltage-lockout
(UVLO) circuitry inhibits switching, forces PGOOD_
low, and forces the DL_ gate drivers low.
If VCC drops low enough to trip the UVLO comparator
while ON_ is high, the MAX8716/MAX8717/MAX8757
immediately force DH_ and DL_ low on both controllers.
The output discharges to 0V at a rate dependent on the
load and the total output capacitance. This prevents
negative output voltages, eliminating the need for a
Schottky diode to GND at the output.
Thermal Fault Protection
The MAX8716/MAX8717/MAX8757 feature a thermal
fault-protection circuit. When the junction temperature
rises above +160°C, a thermal sensor sets the fault
latches, pulls PGOOD low, and shuts down both SMPS
controllers using the soft-shutdown sequence (see the
Sort-Start and Soft-Shutdown section). Cycle VCC
below 1V or toggle ON1 and ON2 to clear the fault
latches and restart the controllers after the junction
temperature cools by 15°C.
Design Procedure
Firmly establish the input voltage range and maximum
load current before choosing a switching frequency
and inductor operating point (ripple-current ratio). The
primary design trade-off lies in choosing a good switch-
ing frequency and inductor operating point, and the fol-
lowing four factors dictate the rest of the design:
•
Input Voltage Range. The maximum value (VIN(MAX))
must accommodate the worst-case, high AC-adapter
voltage. The minimum value (VIN(MIN)) must account
for the lowest battery voltage after drops due to con-
nectors, fuses, and battery selector switches. If there
is a choice at all, lower input voltages result in better
efficiency.
•
Maximum Load Current. There are two values to
consider. The peak load current (ILOAD(MAX)) deter-
mines the instantaneous component stresses and fil-
tering requirements and thus drives output capacitor
selection, inductor saturation rating, and the design
of the current-limit circuit. The continuous load cur-
rent (ILOAD) determines the thermal stresses and
thus drives the selection of input capacitors,
MOSFETs, and other critical heat-contributing com-
ponents.
•
Switching Frequency. This choice determines the
basic trade-off between size and efficiency. The
optimal frequency is largely a function of maximum
input voltage, due to MOSFET switching losses that
are proportional to frequency and VIN2. The opti-
mum frequency is also a moving target, due to rapid
improvements in MOSFET technology that are mak-
ing higher frequencies more practical.
•
Inductor Operating Point. This choice provides
trade-offs between size vs. efficiency and transient
response vs. output ripple. Low inductor values pro-
vide better transient response and smaller physical
size, but also result in lower efficiency and higher
output ripple due to increased ripple currents. The
minimum practical inductor value is one that causes
the circuit to operate at the edge of critical conduc-
tion (where the inductor current just touches zero
with every cycle at maximum load). Inductor values
POWER-
GOOD
FAULT
0.9 x
INT REF_
1.15 x
INT REF_
0.7 x
INT REF_
FAULT
LATCH
POWER-GOOD
FAULT
PROTECTION
INTERNAL FB
TIMER
POR
Figure 7. Power-Good and Fault Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com