Electronic Components Datasheet Search
  English  ▼

X  

AM14 Datasheet(PDF) 39 Page - Knowles Electronics

Part # AM14
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AM14 Datasheet(HTML) 39 Page - Knowles Electronics

Back Button AM14 Datasheet HTML 35Page - Knowles Electronics AM14 Datasheet HTML 36Page - Knowles Electronics AM14 Datasheet HTML 37Page - Knowles Electronics AM14 Datasheet HTML 38Page - Knowles Electronics AM14 Datasheet HTML 39Page - Knowles Electronics AM14 Datasheet HTML 40Page - Knowles Electronics AM14 Datasheet HTML 41Page - Knowles Electronics AM14 Datasheet HTML 42Page - Knowles Electronics AM14 Datasheet HTML 43Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
www.knowlescapacitors.com
37
*1.25 in. on TF12, 17, 28 and 36 styles.
“Y” DIA: Standard units are .040. For different diameter pins substitute
“B” .063 or “C” - .093 for “A” in type number.
Alternate design with Ribbon Lead
(add R to Type No.)
.067
.020
.030
.070
.28
.010+ “Y” DIA
Vertical PC Mount Glass Trimmers - TF Series
Type
Capacitance
Range (pF)
X ± .03 Q (Min.)
at 1 MHz DCWV
From
Below
To Above
Annular Band
TF5A
0.8
4.5
0.47
650
750
TF6A
0.8
5.5
0.47
700
750
TF8A
1
8.5
0.62
700
750
TF9A
0.8
8.5
0.7
650
750
TF11A
1
11
0.7
700
750
TF12A
0.8
12
0.9
650
750
TF17A
0.8
16
0.9
700
750
Embedded Band
TF10A
1.2
10
0.43
800
500
TF14A
1.5
14
0.53
700
1000
TF15A
1.2
16
0.48
800
500
TF16A
1
16
0.53
800
1000
TF22A
2
22
0.58
800
500
TF25A
2
25
0.58
800
500
TF28A
1
28
0.77
700
1000
TF36A
1
36
0.77
800
1000
General specifications on Page 34
1” MIN*
#64 (.036 DIA)
2 HOLES
#2-72 TH’D
.28
.010+ “Y” DIA
“Y” DIA
.31 DIA
.13
X
.13
.16 DIA
#20 AWG
.020
.125 DIA
ADJUSTMENT
CAVITY
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com