Electronic Components Datasheet Search
  English  ▼

X  

AM14 Datasheet(PDF) 20 Page - Knowles Electronics

Part # AM14
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AM14 Datasheet(HTML) 20 Page - Knowles Electronics

Back Button AM14 Datasheet HTML 16Page - Knowles Electronics AM14 Datasheet HTML 17Page - Knowles Electronics AM14 Datasheet HTML 18Page - Knowles Electronics AM14 Datasheet HTML 19Page - Knowles Electronics AM14 Datasheet HTML 20Page - Knowles Electronics AM14 Datasheet HTML 21Page - Knowles Electronics AM14 Datasheet HTML 22Page - Knowles Electronics AM14 Datasheet HTML 23Page - Knowles Electronics AM14 Datasheet HTML 24Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
www.knowlescapacitors.com
18
Part
Number
Cap Range
(pF)
Min. Q @
100 MHz
Dimensions
Fig.
A
B
C
D
E
F
G
(UNS-2A)
8051
0.6 to 3.5
>10000
0.28
0.195
0.11
0.48
.160
.150
0.02
0.30
.120-80
5
5853
0.6 to 5.0
>7500
0.28
0.225
0.11
0.48
.160
.150
0.02
0.30
.120-80
5
8050
0.7 to 6.0
>10000
0.29
0.17
0.11
0.40
.235
.215
0.03
0.40
.190-64
5
5753
1.0 to 10.0
>7500
0.29
0.20
0.11
0.40
.235
.215
0.03
0.40
.190-64
6
8052
1.0 to 10.0
>5000
0.30
0.16
0.11
0.40
.295
.275
0.04
0.62
.234-64
5
8090
1.0 to 10.0
>2000
0.30
0.16
0.188
0.44
.295
.275
0.25
0.32
.234-64
3
8053
1.5 to 14.0
>3000
0.30
0.16
0.11
0.40
.295
.275
0.24
0.62
.234-64
5
8091
1.5 to 14.0
>2000
0.30
0.175
-
0.44
.295
.275
0.25
-
.234-64
4
8092
1.5 to 14.0
>2000
0.30
0.16
0.11
0.41
.295
.275
0.25
0.62
.234-64
1
8093
1.5 to 14.0
>2000
0.30
0.16
0.11
0.44
.295
.275
0.25
0.32
.234-64
2
5453
1.5 to 16.0
>3000
0.30
0.19
0.11
0.43
.295
.275
0.03
0.62
.234-64
6
8054
1.5 to 20.0
>1500
0.58
0.125
0.11
0.70
.295
.275
0.04
0.62
.234-64
5
Dimensions (inches)
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6
Air Trimmers
Note: All Air Trimmers are available with or without hardware.
Hardware may be purchased separateley.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com