Electronic Components Datasheet Search
  English  ▼

X  

AM14 Datasheet(PDF) 13 Page - Knowles Electronics

Part # AM14
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AM14 Datasheet(HTML) 13 Page - Knowles Electronics

Back Button AM14 Datasheet HTML 9Page - Knowles Electronics AM14 Datasheet HTML 10Page - Knowles Electronics AM14 Datasheet HTML 11Page - Knowles Electronics AM14 Datasheet HTML 12Page - Knowles Electronics AM14 Datasheet HTML 13Page - Knowles Electronics AM14 Datasheet HTML 14Page - Knowles Electronics AM14 Datasheet HTML 15Page - Knowles Electronics AM14 Datasheet HTML 16Page - Knowles Electronics AM14 Datasheet HTML 17Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
www.knowlescapacitors.com
11
JMC Square Drive Tuning Tool 4192 for 9620 & 9820 Series
JMC Square Drive Tuning Tool 2190 for 9694
.025 (.635)
JMC 4192
.050 (1.27)
JMC 2190
Seal-Trim® Trimmers - 9620 & 9820 Series
9620
Series
9820 RoHS
Series
Disk Size
9620
Capacitance
9820 RoHS
Capacitance
Tuning
Resolution
Min. Q @
100 MHz
Drawing
Figure
9620
9820
0.180” (4.57mm)
0.5 to 2.5pF
0.5 to 2.5pF
180°
>1000
C
9620-SL
9820-SL
0.180” (4.57mm)
180°
D
9621
9821
0.180” (4.57mm)
1.0 to 5.0pF
1.0 to 5.0pF
180°
>1000
C
9621-SL
9821-SL
0.180” (4.57mm)
180°
D
9622
9822
0.180” (4.57mm)
2.5 to 10pF
2.5 to 10pF
180°
>1000
C
9622-SL
9822-SL
0.180” (4.57mm)
180°
D
9626
9826
0.180” (4.57mm)
6 to 25pF
8.5 to 25pF
180°
>300
C
9626-SL
9826-SL
0.180” (4.57mm)
180°
D
9628
9828
0.180” (4.57mm)
5 to 15pF
5 to 15pF
180°
>750
C
9628-SL
9828-SL
0.180” (4.57mm)
180°
D
9629
9829
0.180” (4.57mm)
5 to 20pF
7.5 to 20pF
180°
>500
C
9629-SL
9829-SL
0.180” (4.57mm)
180°
D
9694
-
0.390” (9.91mm)
7.5 to 50pF
-
180°
>1000 @ 1 MHz
E
Dimensions: inches (mm)
Dimensions: inches (mm)
9620
9620-SL
.025 (.635)
SQUARE DRIVE
TUNING
.180 ±.010
(4.57 ±.254)
.085 ±.015
(2.16 ±.381)
.040 ±.002
(1.02 ±.051)
.004 ±.001
(.102 ±.025)
.220 (5.59)
60º
.085 ±.015
(2.16 ±.381)
ROTOR
45º
.020 ±.002
(.508 ±.061)
60º
.020 ±.002
(.508 ±.051)
.180 ±.010
(4.57 ±.254)
.025 (.635)
SQUARE DRIVE
TUNING
ROTOR
.004 ±.001
(.102 ±.025)
.090 (2.29)
.160
(4.06)
.160
(4.06)
45º
Figure D
Figure C
Dimensions: inches (mm)
9694
.050 (1.27)
SQUARE DRIVE
TUNING
.390 ±.010
(9.91 ±.254)
.125 ±.015
(3.18 ±.381)
.064 ±.002
(1.63 ±.051)
.006 ±.001
(.152 ±.025)
.330
(8.38)
60º
.150 ±.015
(3.81 ±.381)
ROTOR
R
Figure E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com