Electronic Components Datasheet Search
  English  ▼

X  

SPLTR85 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPLTR85
Description  Infrared Laser Diode in TO56 Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLTR85 Datasheet(HTML) 1 Page - OSRAM GmbH

  SPLTR85_V01 Datasheet HTML 1Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 2Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 3Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 4Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 5Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 6Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 7Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 8Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SPL TR85
1 Version 0.2 | 2018-11-26
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
SPL TR85
Metal Can® TO56
Infrared Laser Diode in TO56 Package
—
Gesture Recognition
Features:
—
Laser wavelength 850 nm
—
Efficient radiation source for cw and pulsed operation
—
Single tranverse mode semiconductor laser
—
High modulation bandwidth
—
TO56 package with photo diode
Ordering Information
Type
Peak output power
Ordering Code
typ.
T
case = 25 °C
P
opt
SPL TR85
200 mW
Q65112A1150


Similar Part No. - SPLTR85_V01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLTR85 OSRAM-SPLTR85 Datasheet
342Kb / 9P
Infrared Laser Diode in TO56 Package
logo
ams AG
SPLTR85 AMSCO-SPLTR85 Datasheet
1Mb / 13P
Metal Can® TO56 Infrared Laser Diode in TO56 Package
Version 0.2 2018-11-26
More results

Similar Description - SPLTR85_V01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT5510 OSRAM-PLT5510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5520-B1-2-3 OSRAM-PLT5520-B1-2-3 Datasheet
408Kb / 9P
Green Laser Diode in TO56 Package
PLTB450B OSRAM-PLTB450B Datasheet
631Kb / 7P
Blaue Laser Diode 1.6 W in TO56 Bauform
PLT5450B OSRAM-PLT5450B Datasheet
369Kb / 9P
Blue Laser Diode in TO56 Package
PLT5488 OSRAM-PLT5488 Datasheet
370Kb / 9P
Blue-Cyan Laser Diode in TO56 Package
SPLTR85 OSRAM-SPLTR85 Datasheet
342Kb / 9P
Infrared Laser Diode in TO56 Package
PLT5-510 OSRAM-PLT5-510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
Green Laser Diode in TO56 Package
logo
ams AG
PLT5510 AMSCO-PLT5510 Datasheet
1Mb / 17P
Green Laser Diode in TO56 Package
Version 1.7 2021-06-23
SPLTR85 AMSCO-SPLTR85 Datasheet
1Mb / 13P
Metal Can® TO56 Infrared Laser Diode in TO56 Package
Version 0.2 2018-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com