Electronic Components Datasheet Search
  English  ▼

X  

SPLTR85 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLTR85
Description  Infrared Laser Diode in TO56 Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLTR85 Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLTR85_V01 Datasheet HTML 1Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 2Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 3Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 4Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 5Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 6Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 7Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 8Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SPL TR85
3 Version 0.2 | 2018-11-26
Characteristics
P
opt = 200 mW; Tcase = 25 °C
Parameter
Symbol
Values
Forward current
I
F
typ.
max.
225 mA
255 mA
Peak wavelength
λ
peak
min.
typ.
max.
840 nm
850 nm
860 nm
Spectral bandwidth at 50% I
e,rel,max
∆λ
typ.
3 nm
Beam divergence (FWHM) parallel to pn-junction
Θ
‖
typ.
6 °
Beam divergence (FWHM) perpendicular to pn-junction
Θ
┴
typ.
19 °
Monitor current 2)3)
I
m
min.
typ.
300 µA
500 µA
Threshold current
I
th
typ.
max.
56 mA
85 mA
Forward voltage
V
F
typ.
max.
1.77 V
2.20 V
TE polarization
P
TE
typ.
20:1
Modulation frequency
f
min.
100 MHz
Thermal resistance junction case real
R
thJC
typ.
50 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com