Electronic Components Datasheet Search
  English  ▼

X  

SPLTR85 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLTR85
Description  Infrared Laser Diode in TO56 Package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLTR85 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLTR85_V01 Datasheet HTML 1Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 2Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 3Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 4Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 5Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 6Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 7Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 8Page - OSRAM GmbH SPLTR85_V01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SPL TR85
2 Version 0.2 | 2018-11-26
Maximum Ratings
Parameter
Symbol
Values
Operating temperature
T
op
min.
max.
-20 °C
60 °C
Storage temperature
T
stg
min.
max.
-40 °C
85 °C
Peak output power
P
opt
max.
220 mW
Forward current
I
F
max.
260 mA
Reverse voltage 1)
V
R
max.
3 V
Reverse voltage of photodiode
V
RPD
max.
30 V
Soldering temperature
t
max = 10 s
T
S
max.
260 °C
Operation outside these conditions may damage the device. Operation
at maximum ratings may influence lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com