Electronic Components Datasheet Search
  English  ▼

X  

2N65 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 2N65
Description  N-channel power MOS tube
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

2N65 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  2N65 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
● 特性曲线
图 1111 输出特性曲线, Tc=25℃
图 2222 输出特性曲线, Tc=150℃
Fig1 Typical Output Characteristics, Tc=25℃
Fig2 Typical Output Characteristics, Tc=150℃
图 3333 导通电阻与温度曲线
图 4444 二极管正向电压曲线
Fig3 Normalized On-Resistance Vs.Temperature
Fig4 Typical Source-Drain Diode Forward V oltage
图 5555 最大漏极电流与壳温曲线
Fig5 Maximum Drain Current Vs.Case Temperature
UMW 2N65
N-
N-
N-
N-沟道功率 MOS
MOS
MOS
MOS 管
UMW
R
UMW 2N65
www.umw-ic.com
友台半导体有限公司



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com