Electronic Components Datasheet Search
  English  ▼

X  

2N65 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 2N65
Description  N-channel power MOS tube
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

2N65 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  2N65 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. 2N65 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UMW 2N65
●最大额定值(TC=25
TC=25
TC=25
TC=25°°°°C
C
C
C)
●
●
●
●Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings(
(
(
(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
)
)
)
参数
PARAMETER
PARAMETER
PARAMETER
PARAMETER
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
额定值
VALUE
VALUE
VALUE
VALUE
单位
UNIT
UNIT
UNIT
UNIT
漏-源电压
Drain-source Voltage
VDS
650
V
栅-源电压
gate-source Voltage
VGS
±30
V
漏极电流
Continuous Drain Current
TC=25℃
ID
2.0*
A
漏极电流
Continuous Drain Current
TC=100℃
ID
1.25*
A
最大脉冲电流
Drain Current -Pulsed
①
①
①
①
IDM
8.0*
A
耗散功率
Power Dissipation
Ptot
W
TO-220/220F
SOT-223
最高结温
Junction Temperature
Tj
150
°
C
存储温度
Storage Temperature
TSTG
-55-150
°
C
单脉冲雪崩能量
Single Pulse Avalanche Energy ②
②
②
②
EAS
120
mJ
*Drain current limited by maximum junction temperature
●电特性(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
●
●
●
●Electronic
Electronic
Electronic
Electronic Characteristics
Characteristics
Characteristics
Characteristics(
(
(
(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
)
)
)
参数
PARAMETER
PARAMETER
PARAMETER
PARAMETER
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
测试条件
TEST
TEST
TEST
TEST CONDITION
CONDITION
CONDITION
CONDITION
最小值
MIN
MIN
MIN
MIN
典型值
TYP
TYP
TYP
TYP
最大值
MAX
MAX
MAX
MAX
单位
UNIT
UNIT
UNIT
UNIT
漏-源击穿电压
Drain-source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
650
V
击穿电压温度系数
Breakdown Voltage Temperature
Coefficient
ΔBVDSS/
ΔTj
ID=250uA, Referenced to
25°C
0.6
V/°C
栅极开启电压
Gate Threshold Voltage
VGS(TH)
VGS=VDS, ID=250µA
2.0
4.0
V
漏-源漏电流
Drain-source Leakage Current
IDSS
VDS =650V,
VGS =0V, Tj=25°C
25
µ
A
VDS =520V,
VGS =0V, Tj=125°C
250
µA
跨导
Forward Transconductance
gfs
VDS =40V, ID=1A
③
③
③
③
1.5
S
V
V
V
VDS
DS
DS
DS
=650V
=650V
=650V
=650V
R
R
R
RD
D
D
DS
S
S
S(ON)
(ON)
(ON)
(ON)
=5.5
=5.5
=5.5
=5.5Ω
Ω
Ω
Ω
IIIID
D
D
D
=2.0A
=2.0A
=2.0A
=2.0A
N-
N-
N-
N-沟道功率 MOS
MOS
MOS
MOS 管
UMW
R
UMW 2N65
1
www.umw-ic.com
友台半导体有限公司
SOT-223
TO-220/220F/251T/252/223
TO-251T/252


Similar Part No. - 2N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65 UTC-2N65 Datasheet
185Kb / 6P
2 Amps, 650 Volts N-CHANNEL POWER MOSFET
2N65 UTC-2N65 Datasheet
195Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2N65 ISC-2N65 Datasheet
136Kb / 2P
Drain Current ID= 2A@ TC=25C
logo
Chongqing Pingwei Enter...
2N65 CHONGQING-2N65 Datasheet
201Kb / 2P
2A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
2N65 DYELEC-2N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
More results

Similar Description - 2N65

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
8205SS FUMAN-8205SS Datasheet
93Kb / 1P
N-channel power MOS field effect tube
8810 FUMAN-8810 Datasheet
270Kb / 1P
N-channel power MOS field effect tube
8810A FUMAN-8810A Datasheet
150Kb / 1P
N-channel power MOS field effect tube
logo
Guangdong Youtai Semico...
10N65F UMW-10N65F Datasheet
494Kb / 9P
N-channel power MOS tube
2N60 UMW-2N60 Datasheet
2Mb / 9P
N-channel power MOS tube
4N60 UMW-4N60 Datasheet
1Mb / 9P
N-channel power MOS tube
4N65 UMW-4N65 Datasheet
809Kb / 9P
N-channel power MOS tube
5N65 UMW-5N65 Datasheet
560Kb / 9P
N-channel power MOS tube
7N65 UMW-7N65 Datasheet
692Kb / 11P
N-channel power MOS tube
UMW4N65F UMW-UMW4N65F Datasheet
540Kb / 6P
N-channel power MOS tube
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com