Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2596
Description  3A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2596 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM2596 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Available in TO-220 and TO-263,TO-220B packages
(57V for HV version)
The LM2596 /LM2596HV series operates at a switching
frequency of150 kHz thus allowing smaller sized filter com-
pontents than what would be needed with lower frequency
switching regulators. Available in a standard 5-lead TO-220
package with several different lead bend options, and a
5-lesd TO-262 surface mount package.
The LM2596 /LM2596HV series of regulators are monolithic
integrated circuits that provide all the active functions for a
step-down (buck) switching regulator, capable of driving a 3A
load with excellent line and load regulation. These devices
are available in fixed output voltages of 3.3V, 5V, 12V, and an
adjustable output version.
3A Step-Down Voltage Regulator
General Description
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation†, and a fixed-frequency oscillator.
A standard series of inductors are available from several
different manufacturers optimized for use with the LM2596
series. This feature greatly simplifies the design of
switch-mode power supplies.
Other features include a guaranteed ±4% tolerance on out-
put voltage under specified input voltage and output load
conditions, and ±15% on the oscillator frequency. External
shutdown is included, featuring typically 80 µA standby cur-
rent. Self protection features include a two stage frequency
reducing current limit for the output switch and an over
temperature shutdown for complete protection under fault
conditions.
Features
n
3.3V, 5V, 12V, and adjustable output versions
n
Adjustable version output voltage range, 1.2V to 37V
±4% max over line and load conditions
n
n
Guaranteed 3A output load current
n
Input voltage range up to 40V
n
Requires only 4 external components
n
Excellent line and load regulation specifications
n
150 kHz fixed frequency internal oscillator
n
TTL shutdown capability
n
Low power standby mode, I
Q typically 80 µA
n
High efficiency
n
Uses readily available standard inductors
n
Thermal shutdown and current limit protection
Applications
n
Simple high-efficiency step-down (buck) regulator
n
On-card switching regulators
n
Positive to negative converter
Note: †Patent Number 5,382,918.
Typical Application (Fixed Output Voltage
Versions)
UMW LM2596/LM2596HV
UMW
R
UMW LM2596/LM2596HV
UMW LM2596/LM2596HV
LM2596
/LM2596HV
5.0
1
www.umw-ic.com
友台半导体有限公司
Package Types
TO220B-5L
TO263-5L
TO220-5L


Similar Part No. - LM2596

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
3.0A, 150Khz, Step-Down Switching Regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
Simple high-efficiency step-down (buck) regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results

Similar Description - LM2596

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
3A Step Down Switching Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
3A STEP-DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
3A STEP DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
3A Step-Down Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com