Electronic Components Datasheet Search
  English  ▼

X  

LM2596 Datasheet(PDF) 14 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2596
Description  3A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2596 Datasheet(HTML) 14 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM2596 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. LM2596 Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Information (Continued)
INVERTING REGULATOR SHUTDOWN METHODS
To use the ON /OFF pin in a standard buck configuration is
simple, pull it below 1.3V (@25˚C, referenced to ground) to
turn regulator ON, pull it above 1.3V to shut the regulator
OFF. With the inverting configuration, some level shifting is
required, because the ground pin of the regulator is no
longer at ground, but is now setting at the negative output
voltage level. Two different shutdown methods for inverting
regulators are shown in
Figure 27 and 28.
01258342
FIGURE 27. Inverting Regulator Ground Referenced Shutdown
01258343
FIGURE 28. Inverting Regulator Ground Referenced Shutdown using Opto Device
3A Step-Down Voltage Regulator
UMW LM2596/LM2596HV
UMW
R
UMW LM2596/LM2596HV
UMW LM2596/LM2596HV
14
www.umw-ic.com
友台半导体有限公司
LM2596
/LM2596HV
5.0
LM2596
/LM2596HV
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com