Electronic Components Datasheet Search
  English  ▼

X  

P322DT12UI Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # P322DT12UI
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

P322DT12UI Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button P322DT12UI Datasheet HTML 41Page - Advanced Micro Devices P322DT12UI Datasheet HTML 42Page - Advanced Micro Devices P322DT12UI Datasheet HTML 43Page - Advanced Micro Devices P322DT12UI Datasheet HTML 44Page - Advanced Micro Devices P322DT12UI Datasheet HTML 45Page - Advanced Micro Devices P322DT12UI Datasheet HTML 46Page - Advanced Micro Devices P322DT12UI Datasheet HTML 47Page - Advanced Micro Devices P322DT12UI Datasheet HTML 48Page - Advanced Micro Devices P322DT12UI Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
December 4, 2006 23569A5
Am29PDS322D
43
D A TA
SH EET
AC CHARACTERISTICS
Temporary Sector Unprotect
Note: Not 100% tested.
Parameter
Description
All Speed Options
Unit
JEDEC
Std
t
VIDR
V
ID Rise and Fall Time (See Note)
Min
500
ns
t
VHH
V
HH Rise and Fall Time (See Note)
Min
500
ns
t
RSP
RESET# Setup Time for Temporary
Sector/Sector Block Unprotect
Min
4
µs
tRRB
RESET# Hold Time from RY/BY# High for
Temporary Sector/Sector Block Unprotect
Min
4
µs
RESET#
tVIDR
VID
VSS, VIL,
or VIH
VID
VSS, VIL,
or VIH
CE#
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB
Figure 25.
Temporary Sector Group Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com