Electronic Components Datasheet Search
  English  ▼

X  

P322DT12UI Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # P322DT12UI
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

P322DT12UI Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button P322DT12UI Datasheet HTML 11Page - Advanced Micro Devices P322DT12UI Datasheet HTML 12Page - Advanced Micro Devices P322DT12UI Datasheet HTML 13Page - Advanced Micro Devices P322DT12UI Datasheet HTML 14Page - Advanced Micro Devices P322DT12UI Datasheet HTML 15Page - Advanced Micro Devices P322DT12UI Datasheet HTML 16Page - Advanced Micro Devices P322DT12UI Datasheet HTML 17Page - Advanced Micro Devices P322DT12UI Datasheet HTML 18Page - Advanced Micro Devices P322DT12UI Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
December 4, 2006 23569A5
Am29PDS322D
13
D A TA
SH EET
SA15
001000xxx
32
040000h–047FFFh
SA16
001001xxx
32
048000h–04FFFFh
SA17
001010xxx
32
050000h–057FFFh
SA18
001011xxx
32
058000h–05FFFFh
SA19
001100xxx
32
060000h–067FFFh
SA20
001101xxx
32
068000h–06FFFFh
SA21
001110xxx
32
070000h–077FFFh
SA22
001111xxx
32
078000h–07FFFFh
SA23
010000xxx
32
080000h–087FFFh
SA24
010001xxx
32
088000h–08FFFFh
SA25
010010xxx
32
090000h–097FFFh
SA26
010011xxx
32
098000h–09FFFFh
SA27
010100xxx
32
0A0000h–0A7FFFh
SA28
010101xxx
32
0A8000h–0AFFFFh
SA29
010110xxx
32
0B0000h–0B7FFFh
SA30
010111xxx
32
0B8000h–0BFFFFh
SA31
011000xxx
32
0C0000h–0C7FFFh
SA32
011001xxx
32
0C8000h–0CFFFFh
SA33
011010xxx
32
0D0000h–0D7FFFh
SA34
011011xxx
32
0D8000h–0DFFFFh
SA35
011100xxx
32
0E0000h–0E7FFFh
SA36
011101xxx
32
0E8000h–0EFFFFh
SA37
011110xxx
32
0F0000h–0F7FFFh
SA38
011111xxx
32
0F8000h–0FFFFFh
SA39
100000xxx
32
100000h–107FFFh
SA40
100001xxx
32
108000h–10FFFFh
SA41
100010xxx
32
110000h–117FFFh
SA42
100011xxx
32
118000h–11FFFFh
SA43
100100xxx
32
120000h–127FFFh
SA44
100101xxx
32
128000h–12FFFFh
SA45
100110xxx
32
130000h–137FFFh
SA46
100111xxx
32
138000h–13FFFFh
SA47
101000xxx
32
140000h–147FFFh
SA48
101001xxx
32
148000h–14FFFFh
SA49
101010xxx
32
150000h–157FFFh
SA50
101011xxx
32
158000h–15FFFFh
SA51
101100xxx
32
160000h–167FFFh
SA52
101101xxx
32
168000h–16FFFFh
SA53
101110xxx
32
170000h–177FFFh
SA54
101111xxx
32
178000h–17FFFFh
SA55
111000xxx
32
180000h–187FFFh
SA56
110001xxx
32
188000h–18FFFFh
SA57
110010xxx
32
190000h–197FFFh
SA58
110011xxx
32
198000h–19FFFFh
SA59
110100xxx
32
1A0000h–1A7FFFh
SA60
110101xxx
32
1A8000h–1AFFFFh
SA61
110110xxx
32
1B0000h–1B7FFFh
SA62
110111xxx
32
1B8000h–1BFFFFh
Table 5.
Am29PDS322DB Bottom Boot Sector Addresses (Continued)
Bank
Sector
Sector Address
A20–A12
Sector Size
(Kwords)
(x16)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com