Electronic Components Datasheet Search
  English  ▼

X  

P322DT12UI Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # P322DT12UI
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

P322DT12UI Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button P322DT12UI Datasheet HTML 2Page - Advanced Micro Devices P322DT12UI Datasheet HTML 3Page - Advanced Micro Devices P322DT12UI Datasheet HTML 4Page - Advanced Micro Devices P322DT12UI Datasheet HTML 5Page - Advanced Micro Devices P322DT12UI Datasheet HTML 6Page - Advanced Micro Devices P322DT12UI Datasheet HTML 7Page - Advanced Micro Devices P322DT12UI Datasheet HTML 8Page - Advanced Micro Devices P322DT12UI Datasheet HTML 9Page - Advanced Micro Devices P322DT12UI Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
4
Am29PDS322D
23569A5 December 4, 2006
D A TA
SH EE T
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Part Number
Am29PDS322D
Speed Options
Standard Voltage Range: VCC = 1.8–2.2 V
10
12
Max Random Address Access Time (ns)
100
120
Max Page Address Access Time (ns)
40
45
CE# Access Time (ns)
100
120
OE# Access Time (ns)
35
40
VCC
VSS
Upper Bank Address
A0–A20
RESET#
WE#
CE#
DQ0–DQ15
WP#/ACC
STATE
CONTROL
&
COMMAND
REGISTER
RY/BY#
Upper Bank
X-Decoder
OE#
DQ0–DQ15
Lower Bank
X-Decoder
Lower Bank Address
Status
Control
A0–A20
A0–A20
Mux
Mux
Mux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com