Electronic Components Datasheet Search
  English  ▼

X  

UNC Datasheet(PDF) 5 Page - UN Semiconducctor INC

Part # UNC
Description  Spark Gap Protectors (SPG)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

UNC Datasheet(HTML) 5 Page - UN Semiconducctor INC

  UNC Datasheet HTML 1Page - UN Semiconducctor INC UNC Datasheet HTML 2Page - UN Semiconducctor INC UNC Datasheet HTML 3Page - UN Semiconducctor INC UNC Datasheet HTML 4Page - UN Semiconducctor INC UNC Datasheet HTML 5Page - UN Semiconducctor INC UNC Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Spark Gap Protectors (SPG)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
5/5
UNC Series
Package
Symbol
Dimension (mm)
Tape
W
P
T
Z
L1-L2
S
t
L
D1
D
R
52+2.0/-1.0
5.0±0.5
6.0±1.0
1.2 Max
1.0 Max
0.8 Max
3.2 Max
6.7±1.0
∅
0.5±0.05
∅
3.1±0.5
1.0 Max
Description
A=255 mm
B=75 mm
C=68 mm
2000 PCS
There are upper and bottom
board to protect the parts
from damage.
Item
Length
Width
Height
Quantity
Inner Box
Package



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com